Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEMA23-AMT112S Datasheet(PDF) 1 Page - CUI Devices

Part # NEMA23-AMT112S
Description  STEPPER SERVO MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

NEMA23-AMT112S Datasheet(HTML) 1 Page - CUI Devices

  NEMA23-AMT112S Datasheet HTML 1Page - CUI Devices NEMA23-AMT112S Datasheet HTML 2Page - CUI Devices NEMA23-AMT112S Datasheet HTML 3Page - CUI Devices NEMA23-AMT112S Datasheet HTML 4Page - CUI Devices NEMA23-AMT112S Datasheet HTML 5Page - CUI Devices NEMA23-AMT112S Datasheet HTML 6Page - CUI Devices NEMA23-AMT112S Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 08/05/2022
page 1 of 7
SERIES: NEMA23-AMT112S | DESCRIPTION: STEPPER SERVO MOTOR
cuidevices.com
FEATURES
• CUI Devices AMT112S encoder + LIN Engineering stepper motor
• stepper motor with encoder for closed-loop mode when paired
with a controller
• small, compact NEMA 23 frame size
• up to 270 oz-in (1.90 N-m) holding torque
• patented capacitive encoder ASIC technology
• incremental resolutions up to 4096 PPR
• resolutions programmable with AMT Viewpoint™ PC software
• digitally set zero position
MODEL
step
angle
current/
phase
resistance/
phase
inductance
/phase
max holding
torque
max optimal
speed
body length
(
°)
(A)
typ
(Ω±10%)
typ
(mH±20%)
(oz-in)
(RPS)
max
(inch)
NEMA23-17-15SD-AMT112S
1.8
2.10
1.2
2.18
85.0
13
1.74
NEMA23-17-15PD-AMT112S
1.8
4.20
0.3
0.39
85.0
24
1.74
NEMA23-17-01SD-AMT112S
1.8
1.40
2.8
4.1
85.0
6
1.74
NEMA23-17-01PD-AMT112S
1.8
2.80
0.7
1.15
85.0
11
1.74
NEMA23-22-02SD-AMT112S
1.8
2.10
1.8
4.8
170.0
3
2.22
NEMA23-22-02PD-AMT112S
1.8
4.20
0.5
1.2
170.0
9
2.22
NEMA23-31-01SD-AMT112S
1.8
1.40
4.5
12.76
270.0
2
3.1
NEMA23-31-01PD-AMT112S
1.8
2.80
1.1
3.82
270.0
5
3.1
IN PARTNERSHIP WITH
Additional Resources: Product Page | 3D Model


Similar Part No. - NEMA23-AMT112S

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
02/20/2020
logo
Same Sky Devices
NEMA23-AMT112S SAMESKY-NEMA23-AMT112S Datasheet
972Kb / 7P
STEPPER SERVO MOTOR
09/12/2024
logo
CUI INC
NEMA23-AMT112S CUI-NEMA23-AMT112S_V01 Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
02/20/2020
More results

Similar Description - NEMA23-AMT112S

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
STEPPER SERVO MOTOR
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S_V01 Datasheet
909Kb / 6P
STEPPER SERVO MOTOR
02/21/2020
NEMA23-AMT112S CUI-NEMA23-AMT112S_V01 Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
02/20/2020
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
STEPPER SERVO MOTOR
02/20/2020
logo
CUI Devices
NEMA11-AMT112S CUID-NEMA11-AMT112S Datasheet
745Kb / 6P
STEPPER SERVO MOTOR
08/05/2022
NEMA17-AMT112S CUID-NEMA17-AMT112S Datasheet
792Kb / 7P
STEPPER SERVO MOTOR
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com