Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5HTP2.5 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5HTP2.5
Description  Time-lag Fuse Series (High - Breaking Capacity)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5HTP2.5 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5HTP2.5 Datasheet HTML 1Page - Bel Fuse Inc. 5HTP2.5 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
3
9
8
8
0
4
.
o
N
e
t
a
ci
fi
tr
e
C
/
A
3
.
6
-
A
1A
0
0
5
,
1
@
C
A
V
0
5
2
5
0
5
0
0
0
0
4
.
o
N
e
c
n
e
ci
L
2
3
2
M
E
.
o
N
e
t
a
ci
fi
tr
e
C
4
2
6
0
2
E
.
o
N
e
li
F
d
e
zi
n
g
o
c
e
R
A
0
0
5
,
1
@
C
A
V
0
5
2
/
A
0
1
-
A
m
0
5
2
2
7
7
9
3
R
L
.
o
N
e
li
F
e
c
n
a
t
p
e
c
c
A
J
.
o
N
e
li
F,
4
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
5
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
V
0
5
2
/
A
5
-
A
1C
AA
0
0
5
,
1
@
1
3
5
1
2
0
7
0
2
0
1
0
2
0
0
2
.
o
N
e
c
n
e
ci
LA
0
0
5
,
1
@
C
A
V
0
5
2
/
A
0
1
-
A
m
0
5
2
t
n
e
r
r
u
C
d
e
t
a
R
5
.
1
n
I
1
.
2
n
I
5
7
.
2
n
I
4 n
I
0
1 n
I
N
I
MX
A
MN
I
MX
A
MN
I
MX
A
MN
I
MX
A
M
A
5
1
.
3
o
t
A
m
0
0
11
0
310
85
950
10
0
1
A
4e
v
o
b
a
d
n
a1
0
310
80
5
15
0
20
0
1
.r
h.
n
i
mc
e
sc
e
ss
mc
e
ss
ms
m
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
if
f
u
S
e
r
e
p
m
A
g
n
it
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
g
n
it
l
e
M
I2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
0
1
)
P
(
T
H
5R
-A
m
0
0
10
0
.
8
15
0
.
29
5
0
.
06
0
.
07
2
.
0
0
6
1
)
P
(
T
H
5R
-A
m
0
6
10
1
.
2
10
8
.
15
3
0
.
04
0
.
08
2
.
0
0
0
2
)
P
(
T
H
5R
-A
m
0
0
20
0
.
80
5
.
12
6
0
.
08
0
.
00
3
.
0
0
5
2
)
P
(
T
H
5R
-A
m
0
5
20
4
.
30
2
.
18
9
0
.
02
1
.
04
3
.
0
5
1
3
)
P
(
T
H
5R
-A
m
5
1
30
2
.
20
0
.
18
1
.
02
2
.
08
3
.
0
0
0
4
)
P
(
T
H
5R
-A
m
0
0
40
4
.
15
7
.
08
2
.
04
3
.
01
4
.
0
0
0
5
)
P
(
T
H
5R
-A
m
0
0
50
0
.
10
7
.
06
4
.
08
5
.
08
4
.
0
0
3
6
)
P
(
T
H
5R
-A
m
0
3
60
6
.
02
5
.
00
7
.
00
9
.
05
5
.
0
0
0
8
)
P
(
T
H
5R
-A
m
0
0
80
4
.
05
4
.
08
0
.
10
5
.
14
6
.
0
1
)
P
(
T
H
5R
-A
10
2
.
05
2
.
00
7
.
10
7
.
13
7
.
0
5
2
.
1
)
P
(
T
H
5R
-A
5
2
.
14
1
.
02
2
.
00
0
.
30
2
.
31
8
.
0
6
.
1
)
P
(
T
H
5R
-A
6
.
10
1
.
00
2
.
00
4
.
50
9
.
51
9
.
0
2
)
P
(
T
H
5R
-A
27
0
.
09
1
.
00
7
.
91
10
0
.
1
5
.
2
)
P
(
T
H
5R
-A
5
.
25
0
.
07
1
.
07
10
20
1
.
1
5
1
.
3
)
P
(
T
H
5R
-A
5
1
.
34
0
.
04
1
.
01
38
30
2
.
1
4
)
P
(
T
H
5R
-A
43
0
.
00
1
.
06
59
60
4
.
1
5
)
P
(
T
H
5R
-A
52
0
.
01
1
.
01
0
18
2
10
5
.
1
3
.
6
)
P
(
T
H
5R
-A
3
.
61
0
.
04
7
0
.
01
8
17
3
20
7
.
1
8
)
P
(
T
H
5R
-A
89
0
0
.
02
9
0
.
00
3
39
3
40
7
.
2
0
1
)
P
(
T
H
5R
-A
0
17
0
0
.
08
7
0
.
01
0
62
1
80
9
.
2
Consult manufacturer for other ratings
Electrical Characteristics (IEC-127-2 STANDARD SHEET 5)
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Ceramic body / Nickel Plated Brass Caps
Lead wire:
Tin plated copper alloy,
Diameter 0.032", 6.3A and less
Diameter 0.040", 8A and above
Marking
On fuse:
“bel”,“T”,“Current Rating”,“H”,“250V”,
“Appropriate Safety Logos”, “✔” (RoHS Version)
On label:
“bel”,“5HT”, or “5HTP”,“Current Rating”,
“Voltage Rating”, “Interrupting Rating”, “Approporiate
Safety Logos” and
+ suffix “R” for RoHS Version
Type 5HT / 5HTP
Time-lag Fuse Series (High - Breaking Capacity)
5HTD1105
Packaging
1. In bulk:
5HT - 1,000 pcs per box; 5HTP - 500 pcs per box
2. On Axial Tape & Reel:
1,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1@ 10mm Pitch and 63.5mm inside Tape Spacing
Mechanical Dimensions
5HT
5HTP
0.787"
± 0.02"
(20
± 0.5mm)
0.20"
± 0.004"
(5.1
± 0.1mm)
0.827"
± 0.02"
(21.0
± 0.5mm)
1.5"
± 0.08"
(38.1
± 2mm)
0.217"
± 0.004"
(5.5
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
47
5 x 20mm Ceramic Tube
RoHS Compliant
W5HTD0405-A21
Approvals sdm rSpcc
c
s
d
m
r
S
p


Similar Part No. - 5HTP2.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5HTP2.5-R BEL-5HTP2.5-R Datasheet
1Mb / 4P
Time-lag Fuse Series
More results

Similar Description - 5HTP2.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ET BEL-5ET Datasheet
92Kb / 2P
Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
5ST BEL-5ST Datasheet
99Kb / 2P
Time-lag Fuse Series (Low Breaking Capacity)
5VT BEL-5VT Datasheet
93Kb / 2P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
5ET BEL-5ET_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(HIGH SURGE-PROOF,ENHANCED-BREAKING CAPACITY)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5VT BEL-5VT_13 Datasheet
1Mb / 4P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
logo
Littelfuse
06183-15MXP LITTELFUSE-06183-15MXP Datasheet
99Kb / 1P
0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
logo
Bel Fuse Inc.
0659C BEL-0659C Datasheet
2Mb / 4P
Time - lag Fuse Series (High-Breaking Capacity)
0659C1000-XX BEL-0659C1000-XX Datasheet
619Kb / 4P
Type 0659C / 0659P Time-lag Fuse Series (High -Breaking Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com