Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD3B24WS/-Q Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ESD3B24WS/-Q
Description  ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESD3B24WS/-Q Datasheet(HTML) 1 Page - Diotec Semiconductor

  ESD3B24WS/-Q Datasheet HTML 1Page - Diotec Semiconductor ESD3B24WS/-Q Datasheet HTML 2Page - Diotec Semiconductor ESD3B24WS/-Q Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD3B5V0WS ... ESD3B36WS
ESD3B5V0WS ... ESD3B36WS
ESD Protection Diodes in SMD
ESD-Schutzdioden in SMD
PPPM = 350 W
Tjmax = 125°C
VWM
= 5.0 ... 36 V
VBRmin = 6.0 ... 38.5 V
VPP
= ± 30 kV
Version 2023-01-17
SOD-323
SPICE Model & STEP File 1)
Marking
Lines in the Middle or
Code see table next page
Linien in der mitte ooder
Code siehe Tabelle nächste Seite
HS Code 85411000
Typical Applications
ESD protection
Data line and I/O port
protection
Commercial / industrial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
ESD-Schutz
Schutz von Datenleitungen
und Ein-/Ausgängen
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Bidirectional clamping
High peak pulse power
Compliant to RoHS (w/o exemp.),
REACH, Conflict Minerals 1)
Besonderheiten
Bidirektionales Begrenzen
Hohe Impulsfestigkeit
Konform zu RoHS (ohne Ausn.),
REACH, Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.005 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Peak pulse power dissipation (8/20 µs waveform)
Impuls-Verlustleistung (8/20 µs Impuls)
PPPM
350 W 3)
ESD immunity (air discharge)
ESD-Festigkeit (Luftentladung)
IEC 61000-4-2
VPP
± 30 kV
ESD immunity (contact discharge)
ESD-Festigkeit (Kontaktentladung)
IEC 61000-4-2
VPP
± 30 kV
Junction temperature
Sperrschichttemperatur
Tj
-50...+125°C
Storage temperature
Lagerungstemperatur
TS
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Non-repetitive pulse see curve I
PP = f (t) / PPP = f (t)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (t) / PPP = f (t)
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS


Similar Part No. - ESD3B24WS/-Q

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3B24WS DIOTEC-ESD3B24WS Datasheet
148Kb / 2P
ESD Protection Diodes in SMD
ESD3B24WS DIOTEC-ESD3B24WS Datasheet
148Kb / 2P
ESD Protection Diodes in SMD
ESD3B24WS-Q DIOTEC-ESD3B24WS-Q Datasheet
148Kb / 2P
ESD Protection Diodes in SMD
ESD3B24WS-Q DIOTEC-ESD3B24WS-Q Datasheet
148Kb / 2P
ESD Protection Diodes in SMD
More results

Similar Description - ESD3B24WS/-Q

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3V3CA DIOTEC-ESD3V3CA Datasheet
186Kb / 2P
ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA_18 Datasheet
186Kb / 2P
ESD Protection Diodes in SMD
ESD3Z5V0 DIOTEC-ESD3Z5V0 Datasheet
153Kb / 2P
ESD Protection Diodes in SMD
ESD5Z3V3 DIOTEC-ESD5Z3V3 Datasheet
162Kb / 2P
ESD Protection Diodes in SMD
ESD3B5V0WS DIOTEC-ESD3B5V0WS_18 Datasheet
148Kb / 2P
ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA_1 Datasheet
182Kb / 2P
ESD Protection Diodes in SMD
ESD0541Z DIOTEC-ESD0541Z Datasheet
154Kb / 2P
ESD Protection Diodes in SMD
ESDB3V3C DIOTEC-ESDB3V3C Datasheet
192Kb / 2P
ESD Protection Diodes in SMD
NUP2105L DIOTEC-NUP2105L Datasheet
191Kb / 2P
ESD Protection Diodes in SMD
ESD9L1P8 DIOTEC-ESD9L1P8 Datasheet
519Kb / 3P
ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
Version 2022-05-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com