Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD3B36WS/-AQ Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ESD3B36WS/-AQ
Description  ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESD3B36WS/-AQ Datasheet(HTML) 2 Page - Diotec Semiconductor

  ESD3B36WS/-AQ Datasheet HTML 1Page - Diotec Semiconductor ESD3B36WS/-AQ Datasheet HTML 2Page - Diotec Semiconductor ESD3B36WS/-AQ Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD3B5V0WS ... ESD3B36WS
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Code
Junction capacitance
Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage
Abbruch-Spannung
at / bei IT = 1 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (8/20 µs)
Cj [pF]
VWM [V]
ID [µA]
VBRmin [V]
VC [V]
IPPM [A]
ESD3B5V0WS
5B0
< 200
5.0
10
6.0
9.8
14.5
5
24
ESD3B12WS
12B
< 100
12
1
13.3
19
24
5
15
ESD3B15WS
15B
< 75
15
1
16.7
24
29
5
12
ESD3B24WS/-Q
24B
< 50
24
1
26.7
36
42
1
5
ESD3B36WS/-AQ
typ. 15
36
1
38.5
90
4
Dimensions - Maße [mm]
1
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10
1
0.1
0.01
[kW]
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)
8/20µs - pulse waveform
8/20µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
20
40
60
[µs]
[%]
t
P
I /2
PPM
P /2
PPM
t = 8 µs
r



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com