Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4094N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC4094N
Description  8-stage shift-and-store bus register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4094N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4094N Datasheet HTML 2Page - NXP Semiconductors 74HC4094N Datasheet HTML 3Page - NXP Semiconductors 74HC4094N Datasheet HTML 4Page - NXP Semiconductors 74HC4094N Datasheet HTML 5Page - NXP Semiconductors 74HC4094N Datasheet HTML 6Page - NXP Semiconductors 74HC4094N Datasheet HTML 7Page - NXP Semiconductors 74HC4094N Datasheet HTML 8Page - NXP Semiconductors 74HC4094N Datasheet HTML 9Page - NXP Semiconductors 74HC4094N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
December 1990
10
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
74HC/HCT4094
AC WAVEFORMS
Fig.7
Waveforms showing the clock (CP) to
output (QPn,QS1,QS2) propagation
delays, the clock pulse width and the
maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the strobe (STR) to
output (QPn) propagation delays and the
strobe pulse width and the clock set-up and
hold times for the strobe input.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the 3-state enable and
disable times for input OE.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.10 Waveforms showing the data set-up and
hold times for the data input (D).
The shaded areas indicate when the input is
permitted to change for predictable output
performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com