Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILCT6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILCT6
Description  Optocoupler, Phototransistor Output, Dual Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILCT6 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILCT6 Datasheet HTML 1Page - Vishay Siliconix ILCT6 Datasheet HTML 2Page - Vishay Siliconix ILCT6 Datasheet HTML 3Page - Vishay Siliconix ILCT6 Datasheet HTML 4Page - Vishay Siliconix ILCT6 Datasheet HTML 5Page - Vishay Siliconix ILCT6 Datasheet HTML 6Page - Vishay Siliconix ILCT6 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ILCT6/ MCT6
Document Number 83645
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Saturation voltage, collector-
emitter
IC = 2.0 mA, IF = 16 mA
VCEsat
0.40
V
Capacitance (input-output)
f = 1.0 MHz
CIO
0.5
pF
Capacitance between channels
f = 1.0 MHz
0.4
pF
Bandwidth
IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω
150
kHz
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio
IF = 10 mA, VCE = 10 V
CTRDC
20
50
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Switching times, output
transistor
IC = 2.0 mA, RE = 100 Ω,
VCE = 10 V
ton, toff
3.0
µs
Figure 1. Forward Voltage vs. Forward Current
iilct6_01
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
Ta = –55°C
Ta = 25°C
Ta = 85°C
Figure 2. Normalized Non-Saturated and Saturated CTR vs. LED
Current
iilct6_02
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
VCE =10V,IF =10mA
TA= 25°C
CTRce(sat) VCE = 0.4 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com