Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPBT Datasheet(PDF) 2 Page - Samtec, Inc

Part # IPBT
Description  FLEXIBLE POWER SYSTEMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

IPBT Datasheet(HTML) 2 Page - Samtec, Inc

  IPBT Datasheet HTML 1Page - Samtec, Inc IPBT Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPBT
- 1 NO.OFPOSITIONSPERROW - LEADSTYLE - PLATING
OPTION
- ROW
OPTION
-
OPTIONS
02, 03, 04, 05, 08, 10
15
(–D Only)
(Standard Sizes)
–H1
= Through-hole
–H2
= Surface Mount
–T
= Matte Tin
–S
= Single Row
–D
= Double
Row
–RA
= Right-angle
(Lead Style –H1 only)
–GP
= Guide Post Holes
(Not available with –K)
–K
= Keyed Polarization (not available
with –GP option, is required
callout if –GP not called out)
IPBS
- 1 NO.OFPOSITIONSPERROW - LEADSTYLE - PLATING
OPTION
- ROW
OPTION
- OPTION
02, 03, 04, 05, 08, 10
15
(–D Only)
(Standard Sizes)
–01
= Standard Power
–02
= Standard Power
Surface Mount
–T
= Matte Tin
–S
= Single Row
–D
= Double Row
–GP
= Guide Post
IPBT
Board Mates:
IPBS
Cable Mates:
PMSD, PMSS
IPBS
Board Mates:
IPBT
No. of Positions x (4.19) .165 + (12.27) .483
(11.43)
.450
(15.62)
.615
(10.77)
.424
(6.58)
.259
No. of Positions x (4.19) .165 + (1.33) .052
(6.58)
.259
(9.60)
.378
(11.40)
.449
(9.65)
.380
(10.29)
.405
No. of Positions x (4.19) .165 + (1.02) .040
(5.41)
.213
(9.60)
.378
(12.19)
.480
(12.65)
.498
(11.44)
.451
(7.37)
.290
No. of Positions x (4.19) .165 + (11.18) .440
MATED HEIGHT
IPBT
MATED
HEIGHT
IPBS
(4.19 mm) .165" PITCH • ISOLATED POWER CONNECTOR SET
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/powermate
IPBT/IPBS
LEAD STYLE
MATED
HEIGHT*
H1/–01
(15.25) .600
–H2/–02
(16.84) .663
*Processing conditions
will affect mated height.
–H1–S
–H2–S
–H1–S–RA
–GP
–H1–D
–H2–D
–H1–D–RA
–01–S
–02–S
–01–D
–02–D
–GP
View complete specifications at:
samtec.com?IPBT & samtec.com?IPBS
IPBT/IPBS
PINS
POWERED
CURRENT
RATING
(PER
CONTACT)
2
10.3 A
4
8.4 A
6
7.6 A
8
7.1 A
30
6.0 A
10.3
Amps
MAX
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
F-221



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com