Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYK-053.3S/H Datasheet(PDF) 2 Page - Recom International Power

Part # RYK-053.3S/H
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RYK-053.3S/H Datasheet(HTML) 2 Page - Recom International Power

  RYK-053.3S/H Datasheet HTML 1Page - Recom International Power RYK-053.3S/H Datasheet HTML 2Page - Recom International Power RYK-053.3S/H Datasheet HTML 3Page - Recom International Power RYK-053.3S/H Datasheet HTML 4Page - Recom International Power RYK-053.3S/H Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-2
DC/DC Converter
RYK/H
Series
REGULATIONS
Parameter
Condition
Output Current
Value
Output Accuracy
5Vout
0-150mA
>150mA
±1.0% max.
refer to
„Deviation vs. Load“
3.3Vout
0-250mA
>250mA
±1.0% max.
refer to
„Deviation vs. Load“
Line Regulation
low line to high line
5Vout
0-150mA
>150mA
±1.0% max.
refer to
„Deviation vs. Load“
3.3Vout
0-250mA
>250mA
±0.5% max.
refer to
„Deviation vs. Load“
Load Regulation
0% to 75% load
75% to 100% load
5Vout
±1.0% max.
refer to
„Deviation vs. Load“
0% to 80% load
80% to 100% load
3.3Vout
±1.0% max.
refer to
„Deviation vs. Load“
continued on next page
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RYK-0505S/H
RYK-0505S/H
RYK-053.3S/H
RYK-053.3S/H
Efficiency vs. Load
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
4.5VDC
5VDC
5.5VDC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
4.5VDC
5VDC
5.5VDC
0.35
0.3
0.2
0.1
0.25
0.15
0.05
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5VDC
5VDC
5.5VDC
0.25
0.2
0.1
0.15
0.05
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5VDC
5VDC
5.5VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com