Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14D32N-B2P3 Datasheet(PDF) 1 Page - CUI Devices

Part # C14D32N-B2P3
Description  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

C14D32N-B2P3 Datasheet(HTML) 1 Page - CUI Devices

  C14D32N-B2P3 Datasheet HTML 1Page - CUI Devices C14D32N-B2P3 Datasheet HTML 2Page - CUI Devices C14D32N-B2P3 Datasheet HTML 3Page - CUI Devices C14D32N-B2P3 Datasheet HTML 4Page - CUI Devices C14D32N-B2P3 Datasheet HTML 5Page - CUI Devices C14D32N-B2P3 Datasheet HTML 6Page - CUI Devices C14D32N-B2P3 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 08/05/2022
page 1 of 7
SERIES: C14 | DESCRIPTION: PANEL MOUNT ENCODER
cuidevices.com
FEATURES
• 2-bit quadrature output
• compact
• rugged metal design
• 1 million cycle life
• multiple termination options
• IP65 rating option
• plastic shaft options available for medical applications
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
3.3Vdc input models
5Vdc input models
3.168
4.75
3.3
5
3.432
5.25
Vdc
Vdc
supply current
3.3Vdc input models
5Vdc input models
40
20
mA
mA
output
open collector
output code
2-bit quadrature, channel A leads channel B by 90° with
clockwise rotation
power consumption
3.3Vdc input models
5Vdc input
models
132
100
mW
mW
output resolution
4 ppr (16 cpr), 8 ppr (32 cpr)
angle of throw
16 detent postion models
32 detent postion models
22.5
11.25
°
°
PUSH SWITCH SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rating
12 Vdc at 50 mA
contact resistance
200
mΩ
isolation voltage
for 1 minute
250
Vac
insulation resistance
100
MΩ
operating push force
3.5
4.5
5.5
N
travel
0.2
0.5
0.8
mm
bounce
10
ms
push switch life
1,000,000
cycles
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-20
80
°C
vibration
10~55Hz with a peak to peak amplitude of 1.5mm
shock
half sine wave for 11ms
50
G
cold test
at -20°C for 96 hours
heat test
at +80°C for 96 hours
Additional Resources: Product Page | 3D Model


Similar Part No. - C14D32N-B2P3

ManufacturerPart #DatasheetDescription
logo
CUI INC
C14D32N-B2P3 CUI-C14D32N-B2P3 Datasheet
543Kb / 7P
PANEL MOUNT ENCODER
10/14/2020
More results

Similar Description - C14D32N-B2P3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
Reflective Surface Mount Optical Encoder
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
logo
CUI INC
C14 CUI-C14 Datasheet
413Kb / 5P
panel mount optical encoder
C14 CUI-C14_10 Datasheet
412Kb / 5P
panel mount optical encoder
C14 CUI-C14_V01 Datasheet
543Kb / 7P
PANEL MOUNT ENCODER
10/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com