Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14D16N-C2P3 Datasheet(PDF) 2 Page - CUI Devices

Part # C14D16N-C2P3
Description  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

C14D16N-C2P3 Datasheet(HTML) 2 Page - CUI Devices

  C14D16N-C2P3 Datasheet HTML 1Page - CUI Devices C14D16N-C2P3 Datasheet HTML 2Page - CUI Devices C14D16N-C2P3 Datasheet HTML 3Page - CUI Devices C14D16N-C2P3 Datasheet HTML 4Page - CUI Devices C14D16N-C2P3 Datasheet HTML 5Page - CUI Devices C14D16N-C2P3 Datasheet HTML 6Page - CUI Devices C14D16N-C2P3 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CUI DEVICES | SERIES: C14 | DESCRIPTION: PANEL MOUNT ENCODER
date 08/05/2022 | page 2 of 7
cuidevices.com
MECHANICAL
parameter
conditions/description
min
typ
max
units
shaft load
radial
axial
10
15
N
N
operational torque
without detent
with detent
0.2
0.4
0.2
0.6
N·cm
N·cm
mounting torque
100
N·cm
rotational life
1,000,000
cycles
weight
11
g
OUTPUT WAVEFORMS
PART NUMBER KEY
C14 X XX X - X X X X
Push Switch:
P = with push switch
N = without push switch
Termination:
A = Ø0.5 mm holes
B = 130 mm cable with
connector
C = with header I
D = with header II
E = horizontal PCB
F = vertical PCB
Detent:
D = with detent
N = without detent
Base Number
Angle of throw:
16 = 22.5° for code change
and 16 detent positions
32 = 11.25° for code change
and 32 detent positions
Waterproof:
“blank” = standard
A = IP65
Shaft Diameter:
1 = Ø3.175 mm (1/8”)
2 = Ø6 mm
2P = Ø6 mm, plastic
3 = Ø6.35 mm (1/4”)
3P = Ø6.35 mm (1/4”), plastic
Input Voltage:
“blank” = 5 V input
3 = 3.3 V input
ENVIRONMENTAL (CONTINUED)
parameter
conditions/description
min
typ
max
units
temperature change test
at -10~70°C for 30 minutes each
humidity test
at 40°C, 90~95% humidity for 96 hours
RoHS
yes
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com