Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA56AI/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # 93AA56AI/MS
Description  2K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA56AI/MS Datasheet(HTML) 1 Page - Microchip Technology

  93AA56AI/MS Datasheet HTML 1Page - Microchip Technology 93AA56AI/MS Datasheet HTML 2Page - Microchip Technology 93AA56AI/MS Datasheet HTML 3Page - Microchip Technology 93AA56AI/MS Datasheet HTML 4Page - Microchip Technology 93AA56AI/MS Datasheet HTML 5Page - Microchip Technology 93AA56AI/MS Datasheet HTML 6Page - Microchip Technology 93AA56AI/MS Datasheet HTML 7Page - Microchip Technology 93AA56AI/MS Datasheet HTML 8Page - Microchip Technology 93AA56AI/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21794B-page 1
93AA56A/B/C, 93LC56A/B/C,
93C56A/B/C
Device Selection Table
Features
• Low-power CMOS technology
• ORG pin to select word size for ‘56C version
• 256 x 8-bit organization ‘A’ ver. devices (no ORG)
• 128 x 16-bit organization ‘B’ ver. devices (no
ORG)
• Self-timed ERASE/WRITE cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (READY/BUSY)
• Sequential READ function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Temperature ranges supported:
Pin Function Table
Description
The Microchip Technology Inc. 93XX56A/B/C devices
are 2K bit low voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93AA56C, 93LC56C or 93C56C are dependent
upon external logic levels driving the ORG pin to set
word size. For dedicated 8-bit communication, the
93AA56A, 93LC56A or 93C56A devices are available,
while the 93AA56B, 93LC56B and 93C56B devices
provide dedicated 16-bit communication. Advanced
CMOS technology makes these devices ideal for low
power, nonvolatile memory applications. The entire
93XX Series is available in standard packages includ-
ing 8-lead PDIP and SOIC, and advanced packaging
including 8-lead MSOP, 6-lead SOT-23, and 8-lead
TSSOP. Pb-free (Pure Matte Sn) finish is also
available.
Package Types (not to scale)
Part Number
VCC Range
ORG Pin
Word Size
Temp Ranges
Packages
93AA56A
1.8-5.5
No
8-bit
I
P, SN, ST, MS, OT
93AA56B
1.8-5-5
No
16-bit
I
P, SN, ST, MS, OT
93LC56A
2.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT
93LC56B
2.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT
93C56A
4.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT
93C56B
4.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT
93AA56C
1.8-5.5
Yes
8 or 16-bit
I
P, SN, ST, MS
93LC56C
2.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS
93C56C
4.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS
- Industrial (I)
-40°C to +85°C
- Automotive (E)
-40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No internal connection
ORG
Memory Configuration
VCC
Power Supply
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
PDIP/SOIC
(P, SN)
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
ROTATED SOIC
(ex: 93LC56BX)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
* ORG pin is NC on A/B devices
2K Microwire Compatible Serial EEPROM


Similar Part No. - 93AA56AI/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
474Kb / 30P
2K Microwire Compatible Serial EEPROM
01/02/08
93AA56A-E/CH MICROCHIP-93AA56A-E/CH Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93AA56A-E/MC MICROCHIP-93AA56A-E/MC Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA56A-E/MC MICROCHIP-93AA56A-E/MC Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93AA56A-E/MS MICROCHIP-93AA56A-E/MS Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
More results

Similar Description - 93AA56AI/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
16K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
2K Microwire Compatible Serial EEPROM
01/02/08
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com