Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM265SF Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM265SF
Description  CompactSPEECH Digital Speech Processors
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM265SF Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button NSAM265SF Datasheet HTML 17Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 18Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 19Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 20Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 21Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 22Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 23Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 24Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
30 Command Set (Continued)
Mnemonic
Command
Type
SA
Description
Opcode
Hex
Command Parameters
Return Value
Description
Length
Description
Length
Bytes
Bytes
SDET
S
Set Detectors Mask
10
Detectors Mask
1
None
SE
S
Skip to End of Message
24
None
None
SETD
S
Set Time and Day
0F
TimeDay
2
None
SF
S
Skip Forward
22
Length of Time
2
None
SMT
S
Set Message Tag
05
Message Tag
2
None
SO
A
Say One Word
07
Word Number
1
None
SPS
S
Set Playback Speed
16
Speed Value
1
None
SS
A
Say Sentence
1F
Sentence
n
1
None
SV
S
Set Vocabulary Type
20
Mode Id
1 a 1
None
SW
A
Say Words
21
N Word1
Wordn
1 a n
None
TUNE
S
Tune Index
15
Index Value
1 a 2
None
VC
S
Volume Control
28
IncrementDecrement
1
None
WRAM
S
Write RAM
17
Message Tag Data
2 a 32
None
32 COMMANDS DESCRIPTION
The commands are listed in alphabetical order
Each command indicates by a
the chips for which it is
intended Commands which are not intended for a particular
chip are valid for that chip but have no effect Chip-specific
features of a command which is intended for both chips are
indicated by the chip name in the margin
The execution time for all commands when specified in-
cludes the time required for the microcontroller to retrieve
the return value where appropriate
The execution time does not include the protocol timing
overhead ie the execution times are measured from the
moment that the command is detected as valid until the
command is fully executed
AMAP
Check and Map ARAM
action
number
NSAM265SR
NSAM265SFV
This command runs diagnostics on the ARAMs and returns
a 1-byte result The following actions are performed accord-
ing to the 1-byte
action
number parameter
Action 0
Checks the ARAM configuration The return value is encod-
ed as follows
Bits 0 – 1
Number of ARAM devices (1 or 2)
Bits 2 – 3
Number of ARAM columns in multiples of 1k
units (1 or 2)
Bits 4 – 6
Number of ARAM rows in multiples of 1k units (1
2or4)
Action 1
This action is intended to be carried out on the production
line It performs the following tests
Address line test
Scan one row from start to end and from end to start
Write to line X and check that line Y is not written (RAS
CAS not connected test)
Walking 1 and walking 0 on the data lines
Action 1 then performs Action 3 (see below) on the first 60
rows only This allows you to record a short memo of up to
5-seconds duration to check the system and codec Execu-
tion time is less than 1 second
This action returns 0 if the ARAMs pass the connectivity
test or the ID of the first ARAM to fail The return value is
1-byte long IDs are allocated according to the following
scheme
TLEE12378 – 15
Action 2
Performs a one-pass test clears the entire ARAM to 0 and
marks all the bad rows in the internal row table If more than
05% nibbles in a row are bad the row is mapped as bad If
more than 200 of the rows are bad the EV
ERROR bit in
the status word and the ERR
ARAM bit in the error word
are set to 1
This operation does not detect ARAM cross-talk problems
Action 2 of the AMAP command should be invoked immedi-
ately after the INIT command and is valid only in the IDLE
state If this command is not issued the ARAM is consid-
ered as a DRAM (no errors)
The test takes up to 20 seconds
Action 3
Performs a two-pass test to map and return the number of
bad rows If more than 05% nibbles in a row are bad the
row is mapped as bad If more than 5% of the rows are bad
the EV
ERROR bit in the status word and the ERR
ARAM bit in the error word are set to 1 This diagnostic also
detects ARAM cross-talk problems
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com