Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4550 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS4550
Description  I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4550 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS4550 Datasheet HTML 9Page - Dallas Semiconductor DS4550 Datasheet HTML 10Page - Dallas Semiconductor DS4550 Datasheet HTML 11Page - Dallas Semiconductor DS4550 Datasheet HTML 12Page - Dallas Semiconductor DS4550 Datasheet HTML 13Page - Dallas Semiconductor DS4550 Datasheet HTML 14Page - Dallas Semiconductor DS4550 Datasheet HTML 15Page - Dallas Semiconductor DS4550 Datasheet HTML 16Page - Dallas Semiconductor DS4550 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
I2C and JTAG Nonvolatile 9-Bit I/O
Expander Plus Memory
____________________________________________________________________
13
Table 3. Boundary Scan Control Bits [33 Bits]
CELL
NUMBER
NAME
TYPE
32
A2 input
Input Observe Only
31
A1 input
Input Observe Only
30
A0 input
Input Observe Only
29
SCL input
Input Observe Only
28
SDA input
Input Observe Only
27
SDA output
Output
26
IO8 pubout
Output
25
IO8 pdbout
Output
24
IO8 input
Input Observe Only
23
IO7 pubout
Output
22
IO7 pdbout
Output
21
IO7 input
Input Observe Only
20
IO6 pubout
Output
19
IO6 pdbout
Output
18
IO6 input
Input Observe Only
17
IO5 pubout
Output
16
IO5 pdbout
Output
Table 4. EEPROM Read Cycle
STEP
TAP STATE
COMMENTS
Select-IR-Scan
Capture-IR
Shift-IR (4 x TCK)
The 4-bit instruction is shifted in through TDI.
Exit1-IR
Select
Address
Register
Update-IR
Select-DR-Scan
Capture-DR
No-op.
Shift-DR (8 x TCK)
The 8-bit address is shifted in through TDI.
Exit1-DR
Load
EEPROM
Address
Update-DR
The shifted 8-bit Address Register data is output latched.
Select-IR-Scan
Capture-IR
Shift-IR (4 x TCK)
The 4-bit instruction is shifted in through TDI.
Exit1-IR
Select
Read
Register
Update-IR
Select-DR-Scan
Capture-DR
The 8-bit EEPROM data is loaded into the EEPROM Read Register.
Shift-DR (8 x TCK)
The 8-bit data is shifted out through TDO.
Exit1-DR
Read
EEPROM
Data
Update-DR
No-op.
CELL
NUMBER
NAME
TYPE
15
IO5 input
Input Observe Only
14
IO4 pubout
Output
13
IO4 pdbout
Output
12
IO4 input
Input Observe Only
11
IO3 pubout
Output
10
IO3 pdbout
Output
9
IO3 input
Input Observe Only
8
IO2 pubout
Output
7
IO2 pdbout
Output
6
IO2 input
Input Observe Only
5
IO1 pubout
Output
4
IO1 pdbout
Output
3
IO1 input
Input Observe Only
2
IO0 pubout
Output
1
IO0 pdbout
Output
0
IO0 input
Input Observe Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com