Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB55NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB55NF06
Description  N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STB55NF06 Datasheet HTML 1Page - STMicroelectronics STB55NF06 Datasheet HTML 2Page - STMicroelectronics STB55NF06 Datasheet HTML 3Page - STMicroelectronics STB55NF06 Datasheet HTML 4Page - STMicroelectronics STB55NF06 Datasheet HTML 5Page - STMicroelectronics STB55NF06 Datasheet HTML 6Page - STMicroelectronics STB55NF06 Datasheet HTML 7Page - STMicroelectronics STB55NF06 Datasheet HTML 8Page - STMicroelectronics STB55NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
May 2012
Doc ID 7544 Rev 11
1/19
19
STB55NF06, STP55NF06, STP55NF06FP
N-channel 60 V, 0.015
Ω, 50 A STripFET™ II Power MOSFET in
D²PAK, TO-220 and TO-220FP packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Exceptional dv/dt capability
Applications
■ Switching application
Description
These Power MOSFETs have been developed
using STMicroelectronics’ unique STripFET
process, which is specifically designed to
minimize input capacitance and gate charge. This
renders the devices suitable for use as primary
switch in advanced high-efficiency isolated DC-
DC converters for telecom and computer
applications, and applications with low gate
charge driving requirements.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max.
ID
STB55NF06
60 V
< 0.018
Ω
50 A
STP55NF06
STP55NF06FP
50 A (1)
1.
Refer to soa for the max allowable current value on
FP-type due to Rth value
D2PAK
1
2
3
1
3
TO-220FP
TO-220
1
2
3
TAB
TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB55NF06
B55NF06
D²PAK
Tape and reel
STP55NF06
P55NF06
TO-220
Tube
STP55NF06FP
P55NF06FP
TO-220
www.st.com


Similar Part No. - STB55NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NF06 STMICROELECTRONICS-STB55NF06 Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
logo
Inchange Semiconductor ...
STB55NF06 ISC-STB55NF06 Datasheet
317Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB55NF06 VBSEMI-STB55NF06 Datasheet
988Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STB55NF06-1 STMICROELECTRONICS-STB55NF06-1 Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STB55NF06-1 STMICROELECTRONICS-STB55NF06-1 Datasheet
543Kb / 18P
N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
More results

Similar Description - STB55NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NF06 STMICROELECTRONICS-STB55NF06 Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STB78NF55-08 STMICROELECTRONICS-STB78NF55-08 Datasheet
819Kb / 19P
N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
19-Jul-2016
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com