Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5NK60Z Datasheet(PDF) 21 Page - STMicroelectronics

Part # P5NK60Z
Description  N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK60Z Datasheet(HTML) 21 Page - STMicroelectronics

Back Button P5NK60Z Datasheet HTML 16Page - STMicroelectronics P5NK60Z Datasheet HTML 17Page - STMicroelectronics P5NK60Z Datasheet HTML 18Page - STMicroelectronics P5NK60Z Datasheet HTML 19Page - STMicroelectronics P5NK60Z Datasheet HTML 20Page - STMicroelectronics P5NK60Z Datasheet HTML 21Page - STMicroelectronics P5NK60Z Datasheet HTML 22Page - STMicroelectronics P5NK60Z Datasheet HTML 23Page - STMicroelectronics P5NK60Z Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
5
Ordering information
Table 14. Order codes
Order code
Marking
Package
Packing
STD5NK60ZT4
D5NK60Z
DPAK
Tape and reel
STP5NK60Z
P5NK60Z
TO-220
Tube
STP5NK60ZFP
P5NK60ZFP
TO-220FP
Tube
STD5NK60ZT4, STP5NK60Z, STP5NK60ZFP
Ordering information
DS2857 - Rev 8
page 21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com