Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60NF06FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # P60NF06FP
Description  N-channel 60V - 0.014Ω - 30A TO-220FP STripFET II™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P60NF06FP Datasheet(HTML) 1 Page - STMicroelectronics

  P60NF06FP Datasheet HTML 1Page - STMicroelectronics P60NF06FP Datasheet HTML 2Page - STMicroelectronics P60NF06FP Datasheet HTML 3Page - STMicroelectronics P60NF06FP Datasheet HTML 4Page - STMicroelectronics P60NF06FP Datasheet HTML 5Page - STMicroelectronics P60NF06FP Datasheet HTML 6Page - STMicroelectronics P60NF06FP Datasheet HTML 7Page - STMicroelectronics P60NF06FP Datasheet HTML 8Page - STMicroelectronics P60NF06FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2007
Rev 1
1/12
12
STP60NF06FP
N-channel 60V - 0.014
Ω - 30A TO-220FP
STripFET II™ Power MOSFET
General features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters for Telecom
and Computer application. It is also intended for
any application with low gate charge drive
requirements.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP60NF06FP
60V
<0.016
Ω
30A
TO-220FP
1
2
3
www.st.com
Order code
Part number
Marking
Package
Packaging
STP60NF06FP
P60NF06
TO-220FP
Tube


Similar Part No. - P60NF06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P60NF06 STMICROELECTRONICS-P60NF06 Datasheet
277Kb / 12P
N-channel 60V - 0.014Ω - 60A TO-220 STripFET II??Power MOSFET
02-Mar-2007
logo
VBsemi Electronics Co.,...
P60NF06 VBSEMI-P60NF06 Datasheet
980Kb / 7P
N-Channel 60-V (D-S) MOSFET
P60NF06L VBSEMI-P60NF06L Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - P60NF06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Jan-1999
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STF40NF06 STMICROELECTRONICS-STF40NF06 Datasheet
253Kb / 9P
N-CHANNEL 60V - 0.024ohm - 23A - TO-220FP STripFET II MOSFET
11-Nov-2004
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
STF40NF06 STMICROELECTRONICS-STF40NF06_06 Datasheet
259Kb / 12P
N-channel 60V - 0.024Ω - 23A - TO-220FP STripFET??II Power MOSFET
04-Sep-2006
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
30-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com