Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS20M100ST Datasheet(PDF) 14 Page - STMicroelectronics

Part # PS20M100ST
Description  100 V, 20 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PS20M100ST Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PS20M100ST Datasheet HTML 7Page - STMicroelectronics PS20M100ST Datasheet HTML 8Page - STMicroelectronics PS20M100ST Datasheet HTML 9Page - STMicroelectronics PS20M100ST Datasheet HTML 10Page - STMicroelectronics PS20M100ST Datasheet HTML 11Page - STMicroelectronics PS20M100ST Datasheet HTML 12Page - STMicroelectronics PS20M100ST Datasheet HTML 13Page - STMicroelectronics PS20M100ST Datasheet HTML 14Page - STMicroelectronics PS20M100ST Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
Table 9. Document revision history
Date
Version
Changes
25-Mar-2009
1
First issue.
16-Apr-2010
2
Updated package graphic for TO-220AB on front page and in Table 5.
24-May-2016
3
Updated cover page.
Complete Characteristics section update.
Updated Section 2.4: "D²PAK package information" and Table 9: "Ordering
information".
28-Sep-2018
4
Updated cover page, Table 1. Absolute ratings (limiting values with anode
terminals short circuited, at 25 °C unless otherwise specified) and
Table 8. Ordering information.
Removed figure 1 and figure 11.
Minor text changes to improve readability.
18-Feb-2019
5
Updated Table 1.
STPS20M100S
DS6169 - Rev 5
page 14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com