Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC534 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC534
Description  Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC534 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC534 Datasheet HTML 4Page - NXP Semiconductors 74HC534 Datasheet HTML 5Page - NXP Semiconductors 74HC534 Datasheet HTML 6Page - NXP Semiconductors 74HC534 Datasheet HTML 7Page - NXP Semiconductors 74HC534 Datasheet HTML 8Page - NXP Semiconductors 74HC534 Datasheet HTML 9Page - NXP Semiconductors 74HC534 Datasheet HTML 10Page - NXP Semiconductors 74HC534 Datasheet HTML 11Page - NXP Semiconductors 74HC534 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1998 Apr 10
8
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state; inverting
74HC/HCT534
AC WAVEFORMS
Fig.6
Waveforms showing the clock (CP) to output (Qn) propagation delays, the clock pulse width, output
transition times and the maximum clock pulse frequency.
(1) HC: VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
dbook, full pagewidth
MGM959
tPHL
1/fmax
tPLH
tW
VM
(1)
VM
(1)
CP INPUT
Qn OUTPUT
tTHL
tTLH
Fig.7 Waveforms showing the 3-state enable and disable times.
(1) HC: VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
andbook, full pagewidth
MGM961
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90%
10%
outputs
enabled
OE INPUT
VM
(1)
tPZL
tPZH
VM
(1)
VM
(1)
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
tr
tf
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com