Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB200C Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # SMB200C
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMB200C Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  SMB200C Datasheet HTML 1Page - Lite-On Technology Corporation SMB200C Datasheet HTML 2Page - Lite-On Technology Corporation SMB200C Datasheet HTML 3Page - Lite-On Technology Corporation SMB200C Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Breakdowm voltage
VBR Volts
Working
PeakReverse
Voltage
Maximum
Reverse
Leakage at
VRWM
Maximum
Reverse Surge
Current
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
(UNI)
(BI)
Min.
Max.
@IT( mA)
VRWM(Volts)
IR (uA)
IRSM(Amps)
VRSM(Volts)
SMB47
SMB47C
MDK MDM
42.3
51.7
1.0
38.1
5.0
8.85
67.8
SMB47A
SMB47CA
MEK MEM
44.7
49.4
1.0
40.2
5.0
9.26
64.8
SMB51
SMB45C
MFK MFM
45.9
56.1
1.0
41.3
5.0
8.16
73.5
SMB51A
SMB45CA
MGK MGM
48.5
53.6
1.0
43.6
5.0
8.56
70.1
SMB56
SMB56C
MHK MHM
50.4
61.6
1.0
45.4
5.0
7.45
80.5
SMB56A
SMB56CA
MKK MKM
53.2
58.8
1.0
47.8
5.0
7.79
77.0
SMB62
SMB62C
MLK MLM
55.8
68.2
1.0
50.2
5.0
6.74
89.0
SMB62A
SMB62CA
MMK MMM
58.9
65.1
1.0
53.0
5.0
7.06
85.0
SMB68
SMB68C
MNK MNM
61.2
74.8
1.0
55.1
5.0
6.12
98.0
SMB68A
SMB68CA
MPK MPM
64.6
71.4
1.0
58.1
5.0
6.52
92.0
SMB75
SMB75C
MQK MQM
67.5
82.5
1.0
60.7
5.0
5.56
108
SMB75A
SMB75CA
MRK MRM
71.3
78.8
1.0
64.1
5.0
5.83
103
SMB82
SMB82C
MSK
MSM
73.8
90.2
1.0
66.4
5.0
5.08
118
SMB82A
SMB82CA
MTK MTM
77.8
86.0
1.0
70.1
5.0
5.31
113
SMB91
SMB91C
MUK MUM
81.9
100
1.0
73.7
5.0
4.58
131
SMB91A
SMB91CA
MVK MVM
86.5
95.5
1.0
77.8
5.0
4.80
125
SMB100
SMB100C
MWK MWM
90.0
110
1.0
81.0
5.0
4.17
144
SMB100A
SMB100CA
MXK MXM
95.0
105
1.0
85.5
5.0
4.38
137
SMB110
SMB110C
MYK MYM
99.0
121
1.0
89.2
5.0
3.80
158
SMB110A
SMB110CA
MZK MZM
105
116
1.0
94.0
5.0
3.95
152
SMB120
SMB120C
NDK
NDM
108
132
1.0
97.2
5.0
3.47
173
SMB120A
SMB120CA
NEK
NEM
114
126
1.0
102
5.0
3.64
165
SMB130
SMB130C
NFK
NFM
117
143
1.0
105
5.0
3.21
187
SMB130A
SMB130CA
NGK
NGM
124
137
1.0
111
5.0
3.35
179
SMB150
SMB150C
NHK
NHM
135
165
1.0
121
5.0
2.79
215
SMB150A
SMB150CA
NKK
NKM
143
158
1.0
128
5.0
2.90
207
SMB160
SMB160C
NLK
NLM
144
176
1.0
130
5.0
2.61
230
SMB160A
SMB160CA
NMK NMM
152
168
1.0
136
5.0
2.74
219
SMB170
SMB170C
NNK
NNM
153
187
1.0
138
5.0
2.46
244
SMB170A
SMB170CA
NPK
NPM
162
179
1.0
145
5.0
2.56
234
SMB180
SMB180C
NQK
NQM
162
198
1.0
146
5.0
2.33
258
SMB180A
SMB180CA
NRK
NRM
171
189
1.0
154
5.0
2.44
246
SMB200
SMB200C
NSK
NSM
180
220
1.0
162
5.0
2.09
287
SMB200A
SMB200CA
NTK
NTM
190
210
1.0
171
5.0
2.19
274
NOTE :
1) Suffix 'A ' denotes 5% tolerance device,no suffix denotes 10 % tolerance device.
2) Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
Device
Uni-
directional
Device
Bi-
directional
Device
Marking code
LITE ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com