Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC/HCT4538 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC/HCT4538
Description  Dual retriggerable precision monostable multivibrator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC/HCT4538 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC/HCT4538 Datasheet HTML 3Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 4Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 5Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 6Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 7Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 8Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 9Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 10Page - NXP Semiconductors 74HC/HCT4538 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
September 1993
7
Philips Semiconductors
Product specification
Dual retriggerable precision monostable
multivibrator
74HC/HCT4538
NON-STANDARD DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
Note
1. This measurement can only be carried out after a trigger pulse is applied.
trt
retrigger time
nA0,nA1
−
−
−
455+X
80+X
55+X
−
−
−
−
−
−
ns
2.0
4.5
6.0
Fig.8
X=CEXT /
(4.5
× VCC)
REXT
external timing
resistor
10
2
1000
1000
k
Ω
2.0
5.0
CEXT
external timing
capacitor
no limits
pF
5.0
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
(V)
OTHER
+25
−40 to +85 −40 to +125
min. typ max. min. max. min.
max.
±I
I
input leakage current
nRCEXT
0.5
5.0
10.0
µA
6.0
2.0
or
GND
VCC or GND;
note 1
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com