Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045CG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS3045CG
Description  POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045CG Datasheet(HTML) 5 Page - STMicroelectronics

  STPS3045CG Datasheet HTML 1Page - STMicroelectronics STPS3045CG Datasheet HTML 2Page - STMicroelectronics STPS3045CG Datasheet HTML 3Page - STMicroelectronics STPS3045CG Datasheet HTML 4Page - STMicroelectronics STPS3045CG Datasheet HTML 5Page - STMicroelectronics STPS3045CG Datasheet HTML 6Page - STMicroelectronics STPS3045CG Datasheet HTML 7Page - STMicroelectronics STPS3045CG Datasheet HTML 8Page - STMicroelectronics STPS3045CG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPS3045CT/CG/CR/CP/CPI/CW
5/9
PACKAGE MECHANICAL DATA
TO-220AB
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.30
4.60
0.169
0.181
C
1.22
1.32
0.048
0.052
D
2.40
2.72
0.094
0.107
E
0.33
0.70
0.013
0.028
F
0.61
0.93
0.024
0.037
F1
1.14
1.70
0.045
0.067
F2
1.14
1.70
0.045
0.067
G
4.95
5.15
0.195
0.202
G1
2.40
2.70
0.094
0.106
H2
10.00
10.40
0.394
0.409
L2
16.00 Typ.
0.630 Typ.
L4
13.00
14.00
0.512
0.551
L5
2.65
2.95
0.104
0.116
L6
14.80
15.75
0.583
0.620
L7
6.20
6.60
0.244
0.260
L9
3.40
3.94
0.134
0.155
M
2.60 Typ.
0.102 Typ.
Dia.
3.75
3.89
0.148
0.153
PACKAGE MECHANICAL DATA
I
2PAK
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
b
0.70
0.93
0.028
0.037
b1
1.14
1.17
0.044
0.046
b2
1.14
1.17
0.044
0.046
c
0.45
0.60
0.018
0.024
c2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
E
10.0
10.4
0.394
0.409
L
13.1
13.6
0.516
0.535
L1
3.48
3.78
0.137
0.149
L2
1.27
1.40
0.050
0.055



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com