Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9ASI Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CS9ASI
Description  CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CS9ASI Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CS9ASI Datasheet HTML 1Page - Raltron Electronics Corporation CS9ASI Datasheet HTML 2Page - Raltron Electronics Corporation CS9ASI Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLOCK
Page 1 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
CS9/CSP SERIES: CLOCK OSCILLATOR, PECL, +3.3 VDC or +2.5VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Positive Emitter
Coupled Logic (PECL) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks.
The device is contained in a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact
pads. This miniature oscillator is ideal for today's automated assembly environments.
APPLICATIONS AND FEATURES:
" Infiniband; 10GbE; Network Processors; SOHO Routing; Switches; WAN Interfaces
" Common Frequencies: 106.25 MHz; 125 MHz; 150 MHz; 155.52 MHz; 156.25 MHz; 161.1328 MHz
" +3.3 VDC or +2.5VDC PECL
" Frequency Range from 50.000 to 315 MHz
" No multiplication
" Miniature Ceramic SMD Package Available on Tape and Reel
" Lead Free and ROHS Compliant
$
$
$
$ ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Operating temperature range
Ta
-40…+85
°C
Storage temperature range
T(stg)
-55…+90
°C
Supply voltage
Vcc
-0.5…+5.0
VDC
Maximum Input Voltage
Vi
Vss-0.5…Vcc+0.5
VDC
Maximum Output Voltage
Vo
Vss-0.5…Vcc+0.5
VDC
$
$
$
$ ELECTRICAL PARAMETERS:
PARAMETER
SYMBO
L
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
50.000 ~ 315.00**
MHz
Supply Voltage
Vcc
+3.3 or +2.5
±5%
VDC
Supply Current
Is
80.0 MAX
mA
Output Logic Type
PECL
Load
Connected between each output and Vcc – 2.0 VDC
50
Ω
Output Voltage Levels
Voh
Vol
min
max
Vcc-1.025
Vcc-1.620
VDC
VDC
Duty Cycle
DC
Measured at 50% of Vcc
40/60 to 60/40 or 45/55 to 55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% Vcc Levels
0.5 TYP
*2
ns
Integrated Phase tji RMS, Fj = 12 kHz…20 MHz
0.3 TYP**
ps
Integrated Phase RMS tii offset frequency 50KHz to
80MHz
0.5 TYP**
ps
Deterministic period Jitter tdj using wavecrest analyz.
0.0TYP **
ps
Random period Jitter trj using wavecrest analyz.
2.5 TYP **
ps
Jitter
J
Peak to Peak Jitter Tp-p using wavecrest analyz.
25 TYP**
ps
Phase Noise typ.
@155.52MHz
£(
∆f)
£(
∆f)
£(
∆f)
£(
∆f)
∆f=10 Hz
∆f=1 KHz
∆f=10 KHz
∆f= >/=100 KHz
-65
-120
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Overall Frequency Stability
∆f/fc
Op. Temp., Aging, Load, Supply and Cal. Variations
±20, ±25, ±50, or ±100 MAX*3
Ppm
Pin 1
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC
*1 Test Conditions Unless Stated Otherwise: Nominal Vcc, Nominal Load, +25
±3°C
*2 Frequency Dependent
*3 Not All Stabilities Available With All Temperature Ranges—Please Consult Factory For Availability


Similar Part No. - CS9ASI

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS9AB KNIGHTSBRIDGE-CS9AB Datasheet
239Kb / 1P
13A 2G DP Switched Socket with Twin Earths - Antique Brass with Black Insert
08/04/2024
More results

Similar Description - CS9ASI

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CS9L RALTRON-CS9L Datasheet
56Kb / 3P
ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
MTRONPTI
F1139BA MTRONPTI-F1139BA Datasheet
241Kb / 1P
9x14 mm FR-4, 3.3 Volt, PECL, Clock Oscillator
F2139BA MTRONPTI-F2139BA Datasheet
245Kb / 1P
9x14 mm FR-4, 3.3 Volt, PECL, Clock Oscillator
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH MTRONPTI-M3EH Datasheet
214Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3E_0611 MTRONPTI-M3E_0611 Datasheet
188Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH_0611 MTRONPTI-M3EH_0611 Datasheet
188Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
Raltron Electronics Cor...
C9P RALTRON-C9P Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLDL RALTRON-CLDL Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com