Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9AUI Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # CS9AUI
Description  CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CS9AUI Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  CS9AUI Datasheet HTML 1Page - Raltron Electronics Corporation CS9AUI Datasheet HTML 2Page - Raltron Electronics Corporation CS9AUI Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CLOCK
Page 2 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
123
4
5
6
.276 ±.008
7.0 ±0.2
INDICATES PIN 1.
.079 MAX.
2.00 MAX.
.200
.100
5.08
2.54
.055
1.40
TYP.
.079 TYP.
2.00 TYP.
.100
2.54
.071
1.80
SOLDER PATTERN
2.20
.087
$
$
$
$ PART NUMBERING SYSTEM:
SERIES
SYMMETRY
TEMPERATURE
RANGE (°C)
FREQUENCY
STABILITY
(Overall)
FREQUENCY
(MHz)
CS9: +3.3Vdc Clock with PECL Comp. Output
CSP: +2.5Vdc Clock with PECL Comp. Output
A: 40/60 to 60/40%
T: 45/55 to 55/45%
R: 0…+50
S: 0…+70
U: -20…+70
V: -40…+85**
K:
±20 ppm**
I:
±25 ppm**
H:
±50 ppm
J:
±100 ppm
50.000…315.000
EXAMPLE: CS9ASH-155.520
Clock Oscillator, 7x5mm Package, +3.3 VDC Supply Voltage, PECL Output, Standard Symmetry, 0…+70
°C Operating
Temperature Range,
±50 ppm Total Frequency Stability, 155.520 MHz
**Above 300MHz extended temp range and ±25ppm stability may not be available, jitter may vary upon spec requirements.
Please consult the factory for any custom requirements.
$
$
$
$ MECHANICAL PARAMETERS:
OUTLINE TOLERANCE:
±0.006” / 0.15mm
(Unless otherwise specified)
PIN FUNCTIONS:
[1] ENABLE/ DISABLE
[2] NO CONNECT
[3] CASE GROUND
[4] OUTPUT
[5] COMP. OUTPUT
[6] SUPPLY VOLTAGE
MARKING:
CS9ASH
155.52
RAL D/C
*0.01
µµµµF external by-pass
filter is recommended as seen on solder
pattern.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com