Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNP-10 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RNP-10
Description  TO220 20W HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RNP-10 Datasheet(HTML) 2 Page - DB Lectro Inc

  RNP-10 Datasheet HTML 1Page - DB Lectro Inc RNP-10 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION - DBL
20W HIGH POWER RESISTORS
RNP-10
Specifications
Items
Specification-Performance
Test Conditions
Rating Power
20 Watt
-55 to 25 C flange temperature
Rating Power
1 Watt
Free air.
Heat Resistance
5.9 C/W
Hot spot to flange
Resistance Range
0.01-0.91ohm
0.1-9.1ohm
10-220ohm
220-51k ohm are available, see Note
Nominal Resistance
E6
E24
E24
Include 2.5 and 5.0
TCR (ppm/ )
250(H)
100 (A)
50 (C)
-55 to +155 C
Tolerance
5%(J)
5% (J)
+/-1% (F)
Operation Temp. Range
-55 to+155
Max. Operating Volt.
500V or
R
P
⋅
Withstanding Volt.
DC2000 Volt
60 seconds. Actually 2000VAC
Load Life
+/-(1.0 %+0.05 ohm)
25C, 90min .ON,30min .OFF,1000hours.
Humidity
+/- (1.0 %+0.05 ohm)
40C, 90-95%RH, DC 0.1W, 1000 hours.
Temp. Cycle
+/- (0.25 %+0.05 ohm)
-55 C,30 min.,+155 C,30 min., 5cycles
Soldering Heat
+/- (0.1 %+0.05 ohm)
350+/-5 C, 3seconds,
Solder ability
Over 95% of surface
230+/-5 C, 3seconds.
Insulation Resistance
Over 1,000 Meg ohm
Between terminals and tab.
Vibration
+/- (0.25 %+0.05 ohm)
Note: At resistance from 220 to 51kohms rating power shall be restricted in 10W.
20041001
Temperature Rise
(C)
140
RNP10C500 F
120
100
Hot spot temperature on resistor based
80 referenced from flange temperature.
60
40
20
0
0
10
20
Power (Watt)
Frequency Characteristics
Impedance (ohm)
10K
RNP-10 C10K0F
RNP-10 C1K0F
1K
RNP-10 C101F
100
RNP-10 C500F
RNP-10 C220F
10
10k
100k
1M
10M
100M
1G
Frequency (Hz)
Pulse Energy Durability
Pulse Peak Watt (Watts), one time rectangular impulse.
10K
RNP-10C100F
1K
100
10
1µ
10µ
100µ
1m
10m
100m
Pulse With (seconds)
Note:
(1) Insulating material is unnecessary between flange and resistors, flange and resistor is separated by alumina
substrate.
(2) At surface mount soldering, temperature profile in Flange shall not exceed 220C.
(3) Using heat conduction grease on surface of flange is recommended.
(4) Heat resistance between resistor and flange is 5.9 C/W. Heat design will be done, as resistor temperature shall be
under 155C in operation.
(5) 0.1% tolerance resistors and over 220ohm resistance are available, please call factory.
Derating
Power(W)
+25C
20
15
10
5
+155C
0
-50
0
50
100
150
200
Flange Temperature (C)
Lead Free
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com