Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT652 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT652
Description  Octal bus transceiver/register; 3-state
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT652 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT652 Datasheet HTML 2Page - NXP Semiconductors 74HCT652 Datasheet HTML 3Page - NXP Semiconductors 74HCT652 Datasheet HTML 4Page - NXP Semiconductors 74HCT652 Datasheet HTML 5Page - NXP Semiconductors 74HCT652 Datasheet HTML 6Page - NXP Semiconductors 74HCT652 Datasheet HTML 7Page - NXP Semiconductors 74HCT652 Datasheet HTML 8Page - NXP Semiconductors 74HCT652 Datasheet HTML 9Page - NXP Semiconductors 74HCT652 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
September 1993
8
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT652
Fig.6
Waveforms showing the input An, Bn to
output Bn, An propagation delay times and
the output transition times.
(1) HC: VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the An, Bn to CPAB,
CPBA set-up and hold times, clock CPAB,
CPBA pulse width, maximum clock pulse
frequency and the CPAB, CPBA to output Bn,
An propagation delays.
(1) HC: VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the input SAB, SBA to
output Bn, An propagation delay times and
the output transition times.
(1) HC: VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the output enable
inputs (OEAB, OEBA) to outputs An, Bn
enable and disable times and the input
rise and fall times.
(1) HC: VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com