Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R1200 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD214A-R1200
Description  CD214A-R150~R11600 Glass Passivated Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R1200 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD214A-R1200 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R1200 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R1200 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R1200 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R1200 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-R150~R11600 Glass Passivated Rectifiers
Rating and Characteristic Curves
Forward Current Derating Curve
1.50
1.00
1.25
0.75
0.50
0.25
0
50
150
125
025
100
75
175
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
Non-Repetitive Surge Current
30
20
25
15
10
0
1
10
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half Sine-Wave
(JEDEC Method)
R150-R11000
R11000-R11600
Forward Characteristics
10
1.0
0.1
.01
0.4
0.6
1.2
0.8
1.4
1.0
1.6
Instantaneous Forward Voltage (Volts)
Pulsewidth: 300 µs
1% Duty Cycle
R11100-R11600
R150-R11000
Reverse Characteristics
0.1
1.0
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage (%)
TJ = 125 °C
TJ = 25 °C
TJ = 150 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com