Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R1400 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CD214A-R1400
Description  CD214A-R150~R11600 Glass Passivated Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R1400 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CD214A-R1400 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R1400 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R1400 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R1400 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R1400 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Packaging Information
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A. IPA0501 10/05
CD214A-R150~R11600 Glass Passivated Rectifiers
The surface mount product is packaged in an 8 mm x 4 mm tape and reel format per EIA-481 standard.
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
MM
(INCHES)
DIMENSIONS:
Item
Symbol
DO-214AC (SMA)
Carrier Width
A
1.90 ±0.10
(0.075 - 0.004)
Carrier Length
B
4.30 ±0.10
(0.169 - 0.004)
Carrier Depth
C
1.80 ±0.10
(0.071 - 0.004)
Sprocket Hole
d
1.55 ±0.05
(0.061 - 0.002)
Reel Outside Diameter
D
178
(7.008)
Reel Inner Diameter
D1
80.0
(3.150)
Min.
Feed Hole Diameter
D2
13.0 ±0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ±0.10
(0.069 - 0.004)
Punch Hole Position
F
3.50 ±0.05
(0.138 - 0.002)
Punch Hole Pitch
P
4.00 ±0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ±0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ±0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.20 ±0.10
(0.008 - 0.004)
Tape Width
W
8.00 ±0.20
(0.315 - 0.008)
Reel Width
W1
13.5
(0.531)
Max.
Quantity per Reel
—
2,500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com