Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

601D397F200HT1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 601D397F200HT1
Description  Aluminum Capacitors 105 °C, Tubular, Axial Lead
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

601D397F200HT1 Datasheet(HTML) 8 Page - Vishay Siliconix

  601D397F200HT1 Datasheet HTML 1Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 2Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 3Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 4Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 5Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 6Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 7Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 8Page - Vishay Siliconix 601D397F200HT1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
601D
www.vishay.com
Vishay Sprague
Revision: 19-Mar-18
8
Document Number: 42039
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
250 WVDC AT +85 °C, SURGE = 300 V
15
601D156F250FE1
0.625 x 1.125
No. 20 AWG (0.032)
7.136
0.22
33
601D336F250FJ1
0.625 x 1.625
3.228
0.38
47
601D476F250FL1
0.625 x 2.125
2.132
0.52
68
601D686F250FP1
0.625 x 2.625
1.591
0.66
82
601D826F250FS1
0.625 x 3.125
1.270
0.80
100
601D107F250FT1
0.625 x 3.625
1.057
0.94
27
601D276F250GE1
0.750 x 1.125
No. 18 AWG (0.040)
3.614
0.34
56
601D566F250GJ1
0.750 x 1.625
1.721
0.57
100
601D107F250GL1
0.750 x 2.125
1.130
0.79
120
601D127F250GP1
0.750 x 2.625
0.880
0.98
150
601D157F250GS1
0.750 x 3.125
0.690
1.20
180
601D187F250GT1
0.750 x 3.625
0.568
1.41
47
601D476F250HE1
0.875 x 1.125
2.369
0.47
100
601D107F250HJ1
0.875 x 1.625
1.148
0.77
150
601D157F250HL1
0.875 x 2.125
0.753
1.06
180
601D187F250HP1
0.875 x 2.625
0.574
1.33
220
601D227F250HS1
0.875 x 3.125
0.464
1.59
270
601D277F250HT1
0.875 x 3.625
0.375
1.89
56
601D566F250JE1
1.000 x 1.125
1.708
0.60
120
601D127F250JJ1
1.000 x 1.625
0.829
0.98
180
601D187F250JL1
1.000 x 2.125
0.548
1.34
270
601D277F250JP1
1.000 x 2.625
0.410
1.69
330
601D337F250JS1
1.000 x 3.125
0.328
2.04
390
601D397F250JT1
1.000 x 3.625
0.274
2.38
300 WVDC AT +85 °C, SURGE = 350 V
12
601D126F300FE1
0.625 x 1.125
No. 20 AWG (0.032)
8.217
0.20
27
601D276F300FJ1
0.625 x 1.625
3.809
0.35
39
601D396F300FL1
0.625 x 2.125
2.479
0.48
47
601D476F300FP1
0.625 x 2.625
1.839
0.61
56
601D566F300FS1
0.625 x 3.125
1.461
0.75
68
601D686F300FT1
0.625 x 3.625
1.231
0.87
22
601D226F300GE1
0.750 x 1.125
No. 18 AWG (0.040)
4.164
0.32
47
601D476F300GJ1
0.750 x 1.625
1.931
0.54
68
601D686F300GL1
0.750 x 2.125
1.294
0.74
100
601D107F300GP1
0.750 x 2.625
0.953
0.94
120
601D127F300GS1
0.750 x 3.125
0.795
1.12
150
601D157F300GT1
0.750 x 3.625
0.672
1.30
33
601D336F300HE1
0.875 x 1.125
2.712
0.44
68
601D686F300HJ1
0.875 x 1.625
1.296
0.72
100
601D107F300HL1
0.875 x 2.125
0.886
0.98
150
601D157F300HP1
0.875 x 2.625
0.679
1.22
180
601D187F300HS1
0.875 x 3.125
0.519
1.50
220
601D227F300HT1
0.875 x 3.625
0.441
1.74
47
601D476F300JE1
1.000 x 1.125
1.973
0.56
100
601D107F300JJ1
1.000 x 1.625
0.947
0.92
150
601D157F300JL1
1.000 x 2.125
0.637
1.25
180
601D187F300JP1
1.000 x 2.625
0.468
1.59
220
601D227F300JS1
1.000 x 3.125
0.386
1.88
270
601D277F300JT1
1.000 x 3.625
0.318
2.21
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
(in)
LEAD DIAMETER
W
(in)
MAX. ESR
AT 120 Hz / 25 °C
(
)
MAX. RIPPLE CURRENT
AT 120 Hz / 85 °C
(A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com