Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPLASK Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CSPLASK
Description  ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CSPLASK Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CSPLASK Datasheet HTML 1Page - Raltron Electronics Corporation CSPLASK Datasheet HTML 2Page - Raltron Electronics Corporation CSPLASK Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLOCK
Page 1 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
CS9L/CSPL SERIES: ULTRA HF CLOCK OSCILLATOR, PECL, +3.3 VDC or +2.5VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Positive Emitter
Coupled Logic (PECL) Standards and fundamental crystal or analog multiplication technologies. The output can
be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a sub-miniature, very low
profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for today's
automated assembly environments.
APPLICATIONS AND FEATURES:
" Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches;
" Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz
" +3.3 VDC or +2.5VDC PECL
" Frequency Range from 150.000 to 700 MHz
" Analog multiplication
" Miniature Ceramic SMD Package Available on Tape and Reel
" Lead Free and ROHS Compliant
$
$
$
$ ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Operating temperature range
Ta
-40…+85
°C
Storage temperature range
T(stg)
-55…+90
°C
Supply voltage
Vcc
+4.6
VDC
Maximum Input Voltage
Vi
Vss-0.5…Vcc+0.5
VDC
Maximum Output Voltage
Vo
Vss-0.5…Vcc+0.5
VDC
$
$
$
$ ELECTRICAL PARAMETERS:
PARAMETER
SYMBO
L
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
150.000 ~ 700.00**
MHz
Supply Voltage
Vcc
+3.3 or +2.5
±5%
VDC
Supply Current
Is
80.0 MAX
mA
Output Logic Type
PECL
Load
Connected between each output and Vcc – 2.0 VDC
50
Ω
Output Voltage Levels
Voh
Vol
min
max
Vcc-1.025
Vcc-1.620
VDC
VDC
Duty Cycle
DC
Measured at 50% of Vcc
40/60 to 60/40 or 45/55 to 55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% Vcc Levels
0.7 TYP 1.0 MAX
*2
ns
Integrated Phase tji RMS, Fj = 12 kHz…20 MHz
5
0.3 TYP**
ps
Integrated Phase RMS tii offset frequency 50KHz to
80MHz
5
0.5 TYP**
ps
Fo<320MHz.
1 TYP **
Deterministic period Jitter Dj using
wavecrest analyzer
4
Fo>320MHz.
8 TYP **
ps
Fo<320MHz.
2.5 TYP **
Random period Jitter Rj using
wavecrest analyzer
4
Fo>320MHz.
2.5 TYP**
ps
Fo<320MHz.
25 TYP**
Jitter
J
Acumm. Peak to Peak Jitter Tp-p
using wavecrest analyzer
*4
Fo>320MHz.
27 TYP**
ps
Phase Noise
£(
∆f)
typ. @212.5MHz
6
∆f=10 Hz
∆f=100 Hz
∆f=1 KHz
∆f=10 KHz
∆f=100 KHz
∆f>1M Hz
-65
-95
-125
-140
-145
-148
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Fo<320MHz.
-50
Sub Harmonics
f_sub
Load, nom, Supply nom
Fo>320MHz.
-35
dBc
Overall Frequency Stability
∆f/fc
Op. Temp., Aging, Load, Supply and Cal. Variations
±20, ±25, ±50, or ±100 MAX*3
ppm
Pin 1
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC


Similar Part No. - CSPLASK

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CSPL15MF L-COM-CSPL15MF Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-10 L-COM-CSPL15MF-10 Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-15 L-COM-CSPL15MF-15 Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-2.5 L-COM-CSPL15MF-2.5 Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-25 L-COM-CSPL15MF-25 Datasheet
93Kb / 1P
D-SUBMINIATURE
More results

Similar Description - CSPLASK

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CS9 RALTRON-CS9 Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
MTRONPTI
F2139BA MTRONPTI-F2139BA Datasheet
245Kb / 1P
9x14 mm FR-4, 3.3 Volt, PECL, Clock Oscillator
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3E_0611 MTRONPTI-M3E_0611 Datasheet
188Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH_0611 MTRONPTI-M3EH_0611 Datasheet
188Kb / 1P
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
ULTRA HF VCXO, LVPECL, 3.3 VDC
C9P RALTRON-C9P Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLDL RALTRON-CLDL Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com