Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST526-RX370Q Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ST526-RX370Q
Description  SySTIUM® Model 526E Chassis Power Supply BCM RX370Q Mini-ITX Motherboard for Certified Solution
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ST526-RX370Q Datasheet(HTML) 1 Page - BCM Advanced Research.

  ST526-RX370Q Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update: 2021/08/18
• TheSySTIUM®Model526EMotherBoardReady™platformwith
power supply, plus BCM RX370Q Micro ATX motherboard for
certified solution
• Supports8th/9thIntel®Core™,Pentium®andCeleron®Processors
• FCC,CE,ULorCSA
• HighReliabilityGoldPlatingConnectors
• 1xHDMI,2xDisplayPort(DP++)
• RichUSB3.1Gen1,Gen2Ports,andUSBGen2TypeC
• 2xLAN,1xCOM,AudioJack
• SupportsThreeIndependentDisplay
• Highefficiencyandreliability
• Lownoisefancontrol
SySTIUM® Model 526E Chassis + Power Supply + BCM RX370Q Mini-ITX
Motherboard for Certified Solution
Ordering Info
ST526-RX370Q
SySTIUM® Model 526E Chassis + Power Supply + BCM
RX370Q Micro ATX Motherboard
Mechanical & Environment
Power Supply
350W
Power Type
AT/ATX (ATX is default setting)
Cooling
2 x 60mm Fans
Operation Temp
0 ~ 40°C (32 ~ 104°F)
Storage Temp
0 ~ 60°C (32 ~ 140°F)
Color
Black: 52603E-00R
Dimensions
15.5" x 13" x 5.4" (394x329x136mm)
W/Package
19.25" x 18.25" x 9.75" (489x463x247mm)
Certification
Information
RoHs Compliant
FCC, CE, UL or CSA
System
Motherboard
RX370Q Micro-ATX Motherboard
CPU
Supports 8th Gen LGA1151 Intel® Core™, Pentium®, and
Celeron® processors* up to 95W DP
Supports 9th Gen LGA1151 Intel® Core™, Pentium®, and
Celeron® processors* with 6 cores or less & up to 95W TDP
Supports 8 Core 9th Gen LGA 1151 Intel® Core™ processors* up
to 35W TDP
* Processor IccMax <= 138A.
System Chipset
Intel® Q370 PCH
System Memory
4 x Gold Plated DIMM Support up to 64GB Dual Channel DDR4
2666MHz System Memory. Optional ECC Memory Support
BIOS
AMI® 128Mb SPI BIOSAMI uEFI BIOS, 128Mbit SPI Flash ROM
Audio
Realtek® supports 7.1 Channel Sound Playback
Ethernet
LAN1: Intel® I219-LM Gigabit Ethernet Controller
LAN2: Intel® I211-AT Gigabit Ethernet Controller
Expansion
1 x PCIe x16 Slot
2 x PCIe x4 Slot (x16 Physical Slot)
1 x PCIe x1 Slot Open End
1 x M.2 Type M 2242, 2260, 2280 Slot (with USB, PCIe x4 & SATA
III)
1 x M.2 Type A/E 2232 (with USB & PCIe x2)
Storage/Drive
External: 1 x 5.25” or 1 x 3.5”
Internal: 1 x 3.5” Drive Bay (2nd w/ bracket option)
Supported OS
Windows 10, Ubuntu Linux
External I/O
Display
1 x HDMI Connector
2 x DisplayPort (supports DP++) Connector
USB
Rear:
4 x USB 3.1 Gen 2 Type A
2 x USB 3.1 Gen 1 Type A
1 x USB 3.1 Gen 2 Type C
Front:
2 x USB 2.0 Type A
LAN
2 x RJ45
Audio
Line-in, Line-out and Mic-in
ST526-RX370Q
Rear I/O
RX370Q


Similar Part No. - ST526-RX370Q

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST526PND COILCRAFT-ST526PND Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
ST526PND103MLZ COILCRAFT-ST526PND103MLZ Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
ST526PND104MLZ COILCRAFT-ST526PND104MLZ Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
ST526PND105MLZ COILCRAFT-ST526PND105MLZ Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
ST526PND123MLZ COILCRAFT-ST526PND123MLZ Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
More results

Similar Description - ST526-RX370Q

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-C200 ADVANTECH-AIMB-C200 Datasheet
1Mb / 2P
Economical Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_12 Datasheet
2Mb / 2P
Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620 ADVANTECH-ARK-6620 Datasheet
2Mb / 2P
Compact Embedded Chassis for Mini-ITX Motherboard
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
Mini-ITX Embedded Motherboard
logo
Advantech Co., Ltd.
AIMB-C200 ADVANTECH-AIMB-C200_15 Datasheet
1,013Kb / 2P
Economical Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_15 Datasheet
797Kb / 2P
Compact Chassis for Mini-ITX Motherboard
ARK-6622 ADVANTECH-ARK-6622_15 Datasheet
793Kb / 2P
Compact Chassis with one front slot for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_V01 Datasheet
955Kb / 2P
Compact Chassis for Mini-ITX Motherboard
23-Mar-2018
HPC-5000 ADVANTECH-HPC-5000 Datasheet
668Kb / 2P
Small Tower Chassis for microATX / Mini-ITX Motherboard
31-Jan-2018
logo
BCM Advanced Research.
ST515-MX310H BCM-ST515-MX310H Datasheet
450Kb / 1P
SySTIUM® Model 515 Chassis Power Supply BCM MX310H Mini-ITX Motherboard for Certified Solution
2021/08/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com