Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03AR1/2/3 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 03AR1/2/3
Description  POWER ENTRY MODULE EMI FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03AR1/2/3 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  03AR1/2/3 Datasheet HTML 1Page - Delta Electronics, Inc. 03AR1/2/3 Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C2:0.1uF
C3:0.1uF
SW1
F
L
Cy
C1
R
C2
C3
L
G
E
N
N
I
FIG. A
L1
Cy
G'
L2
A
N' D
O
L
AR3/4 ONLY
AR1/4 WITHOUT POWER SW
L'
FIG. B
AR3D ONLY
R
F
SW1
L
Cy
C1
L
C3
C2
G
E
N
N
I
Cy
L1
G'
D
A
O
N'
L2
L
L'
1. AR series is designed as a high performance, two-stage filter for
low impedance load with better noise attenuation than AK series
in low frequency applications such as switching power supplies.
2. Fuse holder designed for one IEC 5x20mm fuse. Safety interlock
prevents fuse removal with line plug inserted (Use only with 250V
fuse).
3. All part numbers are UL recognized, CSA certified and VDE
approved.
4. Switch electrical lifetime: 10,000 cycles.
Maximum inrush current: 50A.
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
4-3
SERIES
SPECIFICATIONS
POWER ENTRY MODULE EMI FILTERS
INTRODUCTIONS
ELECTRICAL SCHEMATIC
PART NO.
C1 (uF) L1 (mH) L2 (mH) Cy (pF)
R ( )
03AR1/2/3
0.1
1.5
9
2200
1M
03AR2D/3D
0.033
9
1.5
06AR1/2/3
0.1
0.7
2.5
06AR2D/3D
0.015
2.5
0.7
3300
2.2M
06AR4
0.1
0.7
2.5
COMPONENTS
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
03AR
40
60
60
45
40
30
06AR
34
55
56
40
35
25
06AR2D,3D
34
60
60
45
40
30
03AR
6
45
55
50
45
40
06AR
5
25
60
50
45
35
06AR2D,3D
10
10
50
50
45
40
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
MINIMUM INSERTION LOSS IN dB
1. Single-pole UL, CSA & VDE approved, VDE-6A at 250VAC.
2. Double-pole UL, CSA & VDE approved, VDE-4A at 250VAC.
Electrical lifetime: 10,000 cycles.
Maximum inrush current: 50A.
3. Voltage selector SW -UL, CSA & VDE approved
Current rating: 10A at 125VAC; 5A at 250VAC.
DELTA PART NO.
AR1
AR2
AR2D
AR3
AR3D
AR4
115VAC
6A
6A
6A
6A
6A
6A
RATED CURRENT
250VAC
6A
6A
4A
6A
4A
6A
IEC CONNECTOR
FUSE HOLDER
12
12
POWER SWITCH
SP
DP
SP
DP
33
3
VOLTAGE SELECTOR SW
REAR
REAR
REAR
ELECTRICAL SCHEMATIC
FIG. A
FIG. A
FIG. B
FIG. A
FIG. B
FIG. A
TYPE & RATED CURRENT
D
V
E


Similar Part No. - 03AR1/2/3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03AR1/2/3 DELTA-03AR1/2/3 Datasheet
443Kb / 2P
POWER ENTRY MODULE EMI FILTERS
More results

Similar Description - 03AR1/2/3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03IB2S DELTA-03IB2S Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
06AE2 DELTA-06AE2 Datasheet
114Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AR2D DELTA-06AR2D Datasheet
443Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06EB3 DELTA-06EB3 Datasheet
231Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06IB2D DELTA-06IB2D Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
10EK3S DELTA-10EK3S Datasheet
165Kb / 2P
HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com