Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214C-R3200 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD214C-R3200
Description  CD214C-R350~R31000 Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C-R3200 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD214C-R3200 Datasheet HTML 1Page - Bourns Electronic Solutions CD214C-R3200 Datasheet HTML 2Page - Bourns Electronic Solutions CD214C-R3200 Datasheet HTML 3Page - Bourns Electronic Solutions CD214C-R3200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CD214C-R350~R31000 Glass Passivated Rectifiers
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
MM
(INCHES)
DIMENSIONS:
Item
Symbol
SMC (DO-214AB)
Carrier Width
A
7.22 ±0.10
(0.284 ±0.004)
Carrier Length
B
8.11 ±0.10
(0.319 ±0.004)
Carrier Depth
C
2.36 ±0.10
(0.093 ±0.004)
Sprocket Hole
d
1.55 ±0.05
(0.061 ±0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969)
Min.
Feed Hole Diameter
D2
13.0 ±0.20
(0.512 ±0.008)
Sprocket Hole Position
E
1.75 ±0.10
(0.069 ±0.004)
Punch Hole Position
F
7.50 ±0.10
(0.295 ±0.004)
Punch Hole Pitch
P
4.00 ±0.10
(0.157 ±0.004)
Sprocket Hole Pitch
P0
4.00 ±0.10
(0.157 ±0.004)
Embossment Center
P1
2.00 ±0.10
(0.079 ±0.004)
Overall Tape Thickness
T
0.30 ±0.10
(0.012 ±0.004)
Tape Width
W
16.00 ±0.20
(0.630 ±0.008)
Reel Width
W1
22.4
(0.882)
Max.
Quantity per Reel
—
3,000
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com