Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06AR2D/3D Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 06AR2D/3D
Description  POWER ENTRY MODULE EMI FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06AR2D/3D Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  06AR2D/3D Datasheet HTML 1Page - Delta Electronics, Inc. 06AR2D/3D Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
66.0
1.0
R0.04Max.
2.6 0.003
Suggested thickness of mounting
panel is from 0.04 to 0.07 inch
suggest mounting cutout
INCH
UNIT:
mm
AR1
AR3, AR3D
AR4(without power switch)
AR2, AR2D
2.57
65.3
N
G
L
67.3
2.65
1.059
26.9
G
N
L
G
67.3
2.65
I
O
G
1.059
26.9
L
G
N
G
N
O
L
I
2.65
67.3
65.3
2.57
4-4
MECHANICAL CONSTRUCTION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com