Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVVBX Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC8280CVVBX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVVBX Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC8280CVVBX Datasheet HTML 26Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 27Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 28Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 29Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 30Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 31Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 32Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 33Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
30
Freescale Semiconductor
Clock Configuration Modes
7.2
PCI Host Mode
These tables show clock configurations for PCI host mode. The frequency values listed are for the purpose
of illustration only. Users must select a mode and input bus frequency so that the resulting configuration
does not exceed the frequency rating of the user’s device. Note that in PCI host mode the input clock is the
following:
NOTE: PCI_MODCK
In PCI mode only, PCI_MODCK comes from the LGPL5 pin and
MODCK_H[0–3] comes from {LGPL0, LGPL1, LGPL2, LGPL3}.
NOTE: Tval (Output Hold)
The minimum Tval = 2 ns when PCI_MODCK = 1, and the minimum
Tval = 1 ns when PCI_MODCK = 0. Therefore, designers should use clock
configurations that fit this condition to achieve PCI-compliant AC timing.
1 The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a table entry
guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose of illustration only.
Users must select a mode and input bus frequency so that the resulting configuration does not violate the frequency rating of
the user’s device. The minimum CPM frequency is 120 MHz. Minimum CPU frequency is determined by the clock mode. For
modes with a CPU multiplication factor <= 3, the minimum CPU frequency is 150 MHz for commercial temperature devices
and 175 MHz for extended temperature devices. For modes with a CPU multiplication factor >= 3.5: for Rev0.1 the minimum
CPU frequency is 250 MHz; for Rev A or later the minimum CPU frequency is 150 MHz for commercial temperature devices
and 175 MHz for extended temperature devices.
2 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
3 60x and local bus frequency. Identical to CLKIN.
4 CPM multiplication factor = CPM clock/bus clock
5 CPU multiplication factor = Core PLL multiplication factor
Table 19. Clock Configurations for PCI Host Mode (PCI_MODCK=0)1,2
Mode3
Bus Clock4
(MHz)
CPM
Multiplication
Factor5
CPM Clock
(MHz)
CPU
Multiplication
Factor6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High
Default Modes (MODCK_H=0000)
0000_000
60.0
66.7
2
120.0 133.3
2.5
150.0 166.7
2
60.0
66.7
0000_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0
66.7
0000_010
60.0
80.0
2.5
150.0 200.0
3
180.0 240.0
3
50.0
66.7
0000_011
60.0
80.0
2.5
150.0 200.0
3.5
210.0 280.0
3
50.0
66.7
0000_100
60.0
80.0
2.5
150.0 200.0
4
240.0 320.0
3
50.0
66.7
0000_101
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0000_110
50.0
66.7
3.5
150.0 200.0
3.5
175.0 233.3
3
50.0
66.7
0000_111
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0
66.7
Full Configuration Modes
0001_000
50.0
66.7
3
150.0 200.0
5
250.0 333.3
3
50.0
66.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com