Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVVIX Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC8280CVVIX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVVIX Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC8280CVVIX Datasheet HTML 18Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 19Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 20Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 21Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 22Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 23Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 24Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 25Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
22
Freescale Semiconductor
AC Electrical Characteristics
NOTE
Activating data pipelining (setting BRx[DR] in the memory controller)
improves the AC timing.
This table lists SIU input characteristics.
This table lists SIU output characteristics.
Table 13. AC Characteristics for SIU Inputs1
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
Spec Number
Characteristic
Value (ns)
Setup
Hold
Setup
Hold
66 MHz
83 MHz
100 MHz
66 MHz
83 MHz
100 MHz
sp11
sp10
AACK/TA/TS/DBG/BG/BR/ARTRY/
TEA
6
5
3.5
0.5
0.5
0.5
sp12
sp10
Data bus in normal mode
5
4
3.5
0.5
0.5
0.5
sp13
sp10
Data bus in ECC and PARITY modes
7
5
3.5
0.5
0.5
0.5
sp13a
sp10
Pipeline mode—Data bus (with or without
ECC/PARITY)
5
4
2.5
0.5
0.5
0.5
sp14
sp10
DP pins
7
5
3.5
0.5
0.5
0.5
sp14a
sp10
Pipeline mode—DP pins
—
4
2.5
—
0.5
0.5
sp15
sp10
All other pins
5
4
3.5
0.5
0.5
0.5
Table 14. AC Characteristics for SIU Outputs1
1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are
measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66 MHz
83 MHz
100 MHz
66 MHz
83 MHz
100 MHz
sp31
sp30
PSDVAL/TEA/TA
76
5.5
1
11
sp32
sp30
ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
5.5
1
1
1
sp33a
sp30
Data bus2
2 To achieve 1 ns of hold time at 66, 83, or 100 MHz, a minimum loading of 20 pF is required.
6.5
6.5
5.5
0.7
0.7
0.7
sp33b
sp30
DP
6
5.5
5.5
1
1
1
sp34
sp30
Memory controller signals/ALE
6
5.5
5.5
1
1
1
sp35
sp30
All other signals
6
5.5
5.5
1
1
1
sp35a
sp30
AP
7771
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com