Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1408-R1800 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD1408-R1800
Description  CD1408-R1200~R11000 - Surface Mount Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-R1800 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD1408-R1800 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-R1800 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-R1800 Datasheet HTML 3Page - Bourns Electronic Solutions CD1408-R1800 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CD1408-R1200~R11000 – Surface Mount Rectifier Diode
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Performance Graphs
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
REV. 05/06
Forward Current Derating Curve
Maximum Non-Repetitive Surge Current
Typical Forward Characteristics
Typical Reverse Characteristics
Lead Temperature (°C)
75
150
175
125
0
50
100
200
60 Hz
Resistive or
Inductive Load
1.50
0.25
0.50
0.75
1.00
1.25
0
Pulse Width 8.3 ms
Single Half Sine-Wave
(JEDEC Method)
30
10
15
20
25
0
110
100
Number of Cycles at 60 Hz
0.4
1.6
0.8
1.4
1.2
1.0
0.6
Instantaneous Forward Voltage (Volts)
10.00
1.00
0.10
0.01
Pulse Width = 300 µs
1 % Duty Cycle
0.1
100
1
10
0
20
40
60
80
110
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 100 °C
TJ = 125 °C
Typical Junction Capacitance
200
100
60
40
20
1
10
6
4
2
0.1
40
20
4
2
0.4
0.2
10
1.0
100
Reverse Voltage (Volts)
TJ = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com