Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1408-R11000 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD1408-R11000
Description  CD1408-R1200~R11000 - Surface Mount Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-R11000 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD1408-R11000 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-R11000 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-R11000 Datasheet HTML 3Page - Bourns Electronic Solutions CD1408-R11000 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD1408-R1200~R11000 – Surface Mount Rectifier Diode
Recommended Footprint
How To Order
CD 1408 - R 1 400
Common Code
CD = Chip Diode
Package
1408 = ~0.14 x 0.08 ˝
Function
R = Rectifier
Forward Current I(AV)
1 = 1 A
Reverse Voltage
200 = 200 V
400 = 400 V
600 = 600 V
800 = 800 V
1000 = 1000 V
CD1408-R1200 .......................................................................... R1D
CD1408-R1400 .......................................................................... R1G
CD1408-R1600 .......................................................................... R1J
CD1408-R1800 .......................................................................... R1K
CD1408-R11000 ........................................................................ R1M
Typical Part Marking
Product Dimensions
This is a lead free product, packaged with FRP substrate and is
epoxy underfilled. The terminals are pure tin plated and are
solderable per MIL-STD-750, Method 2026. The package weighs
approximately 0.02 g. The package and dimensions are shown
below.
The device will mount onto existing JEDEC SOD-87 footprint.
3.2 - 3.60
(0.126 - 0.142)
1.70 - 2.10
(0.067 - 0.083)
0.95 - 1.35
(0.037 - 0.053)
0.50 - 0.90
(0.020 - 0.035)
0.50 - 0.90
(0.020 - 0.035)
0.40
(0.016)
R
MM
(INCHES)
DIMENSIONS:
B
R1D
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com