Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNP50S Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RNP50S
Description  TO247 100W HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RNP50S Datasheet(HTML) 2 Page - DB Lectro Inc

  RNP50S Datasheet HTML 1Page - DB Lectro Inc RNP50S Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION -
DBL
TO247 100W HIGH POWER RESISTORS
RNP50S
Ordering Information
P/N
Type
TC
Resistance
Tolerance
Additional
RNP50SC120F000
RNP50S
C(50ppm/C)
12ohm
F(1%)
000
RNP50SC120FZ00
RNP50S
C(50ppm/C)
12ohm
F(1%)
Z00 (Z: Lead-free))
RNP50SA0R1J000
RNP50S
A(100ppm/C)
0.1ohm
J(5%)
000
RNP50SA0R1JZ00
RNP50S
A(100ppm/C)
0.1ohm
J(5%)
Z00 (Z: Lead-free))
20050212
Frequency Characteristics
Impedance (ohm)
1k
RNP50S C 1K0 F
RNP50S C 100R0 F
100
RNP50S C 10R0 F
10
1
10k
100k
1M
10M
100M
1G
Frequency(Hz)
Pulse Energy Durability
Pulse Peak Watt (Watts)
100K
RNP50S A 0R2 J to RNP50S C 201 F
10K
1K
100
100n
1µ
10µ
100µ
1m
10m
Pulse Width (seconds)
Temperature Rise
Temperature Rise (C)
RNP50S C 50R0 F
120
100
Resistor film temperature based on flange.
80
60
40
20
0
0
20
40
60
80
100
Power (Watts)
Humidity (Typical)
%R/R
RNP50S C 100 F with 0.71C/W heat sink
0.2
0.1
0
-0.1
-0.2
0
250
500
750
1000
1250
Test Hours
Load Life (Typical)
%R/R
RNP50S C 100 F with 0.71C/W heat sink
0.2
0.1
0
-0.1
-0.2
0
250
500
750
1000
1250
Test Hours
Derating Curve
Rating Power(W)
100
80
60
+25C
40
20
+155C
0
-50
0
50
100
150
200
Flange Temperature ( )
Note:
(1) Insulating material is unnecessary between flange and resistors, flange and resistor is separated by alumina
substrate.
(2) At surface mount soldering, temperature profile in Flange shall not exceed 220C.
(3) Using heat conduction grease on surface of flange is recommended.
(4) Heat resistance between resistor and flange is 1.3 K/W. Heat design will be done, as resistor temperature shall be
under 155C in operation.
(5) 0.1% tolerance resistors and over 220ohm resistance are available, please call factory.
Lead Free
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com