Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC5-F Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AFC5-F
Description  Dual output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFC5-F Datasheet(HTML) 2 Page - Artesyn Technologies

  AFC5-F Datasheet HTML 1Page - Artesyn Technologies AFC5-F Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.22 Min.
(5.60)
2.00
(50.80)
1
2
5
3
4
BOTTOM
VIEW
0.375 Max.
(9.500)
0.040 Dia.
(1.000)
0.60
(15.20)
0.800
(20.300)
0.200
(5.100)
0.400
(10.200)
0.100
(2.500)
0.500
(12.700)
1.00
(25.40)
0.300
(7.600)
ALL DIMENSIONS IN INCHES (mm)
Tolerance .xx =
±0.02
.xxx =
±0.005
CASE R
5W
NATURAL CONVECTION
COOLING
Maximum Input
Voltage
Nominal Input
Voltage
Minimum Input
Voltage
0W
0
°C10°C
20
°C 30°C 40°C
50
°C60°C 70°C
80
°C 90°C 100°C 110°C
50
°C
105
°C
DERATING CURVE
Output Power (Watts)
60
°C
75
°C
Notes
1
Maximum value at nominal line voltage.
2
Error band is defined as the static output regulation at 25°C, including
initial setting accuracy, input voltage within stated limits and output
current within stated limits.
3
Fixed frequency design provides for easier input filtering and better noise
performance.
4
Three orthogonal axes, random vibration, 10 minute test for each axis.
50%
60%
70%
80%
25%
50%
75%
100%
OUTPUT LOAD
Typical Efficiency V's Output Load (Nominal Input)
0%
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
TYPICAL
MODEL
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD (1)
EFFICIENCY
NUMBER
5VDC
±12VDC
±150mA
37mA
1.16A
65%
AFC5-05D12-F
5VDC
±15VDC
±150mA
44mA
1.45A
65%
AFC5-05D15-F
12VDC
±12VDC
±150mA
14mA
0.48A
65%
AFC5-12D12-F
12VDC
±15VDC
±150mA
17mA
0.61A
65%
AFC5-12D15-F
PIN CONNECTIONS
PIN NUMBER
DUAL OUTPUT
1
+ Input
2
– Input
3
+ Output
4
Common
5
– Output
5 Watt
Nominal input DC/DC converters
SPECIAL APPLICATION MODELS
|
5W DC/DC
PAGE 2
http://www.artesyn.com
50%
60%
70%
80%
12.0
13.2
INPUT VOLTAGE
Typical Efficiency V's Input Voltage (Full Output Load)
10.8
5.00
5.25
4.65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com