Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE2000 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # AFE2000
Description  Single output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFE2000 Datasheet(HTML) 3 Page - Artesyn Technologies

  AFE2000 Datasheet HTML 1Page - Artesyn Technologies AFE2000 Datasheet HTML 2Page - Artesyn Technologies AFE2000 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(J2) DC connector
Elcon 279-0468-00100 or equivalent.
(J1) AC connector
Power Dynamics 42R08-1122 or equivalent.
(J2) DC mating connector
Elcon 278-0468-00200 or equivalent.
(J1) AC mating connector
Power Dynamics 43R06-2114 or equivalent.
PAGE 3
2000 Watt
AC/DC PFC front-end for distributed power architectures
2000W AC/DC
|
DISTRIBUTED POWER FRONT END AC/DC POWER SUPPLIES
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
PIN NO.
FUNCTION
PIN NO.
FUNCTION
A1
Short Pin
B1
DOWN
C1
RS+
D1
+Vout
A2
AUX+
B2
VMARG
C2
RS-
D2
+Vout
A3
AUX-
B3
MM
C3
MM
D3
PWR RTN
A4
RS-
B4
I SHR
C4
F/F-
D4
PWR RTN
A5
Not Used
B5
RESET
C5
F/F+
D5
CGND (2)
A6
Not Used
B6
IMON
C6
INHIBIT/ENABLE
A7
AC OK
B7
Power Good
C7
CL
A8
PFW
B8
ISO GND (3)
C8
OTW
SHORT SIGNAL PIN
A8
B8
C8
A1
B1
C1
D5
D4
D3
D2
D1
6.75
(171.45)
4.83
(122.68)
REF
0.475
(12.065)
1.30
(33.02)
0.074
(1.879)
AIR FLOW
NORMAL
11.46
(291.08)
0.25
(6.35)
6.44
(163.58)
4.23
(107.44)
0.0875
(2.2225)
5.725
(145.415)
AC INPUT
POWER DYNAMICS 42R08-1122
MATE - POWER DYNAMICS 43R06-2114
TAPERED GUIDE
PIN HOLE
TAPERED GUIDE
PIN HOLE
MAIN DC OUTPUT/SIGNALS
ELCON 279-0468-00100
MATE - ELCON 278-0468-00200
0.050
(1.270)
0.800
(20.32)
2.063
(52.400)
0.625
(15.875)
0.375
(9.525)
0.462
(11.735)
INSERTION/EJECTOR
HANDLE WITH 6-32
CAPTIVE SCREW
Notes
1
PFW signal warning issued 5 msec prior to shutdown.
2
Chassis or safety ground.
3
Isolated signal ground.
4
Output ground - referenced to RS-.
5
Refer to Application Note 106 for installation of the AFE2000 power
modules into the AFS4000 power shelf.
6
Refer to Application Note 110 for description of outputs and signals
available with AFE2000 power modules installed in Artesyn standard front-
end power shelf.
7
Class A for power module, Class B when installed in AFS4000 shelf
(subject to cable/system configuration).
8
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Dat
asheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com