Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC5-05D15 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AFC5-05D15
Description  Single and dual output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFC5-05D15 Datasheet(HTML) 2 Page - Artesyn Technologies

  AFC5-05D15 Datasheet HTML 1Page - Artesyn Technologies AFC5-05D15 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.22 Min.
(5.60)
2.00
(50.80)
1
2
5
3
4
BOTTOM
VIEW
0.375 Max.
(9.500)
0.040 Dia.
(1.000)
0.60
(15.20)
0.800
(20.300)
0.200
(5.100)
0.400
(10.200)
0.100
(2.500)
0.500
(12.700)
1.00
(25.40)
0.300
(7.600)
ALL DIMENSIONS IN INCHES (mm)
Tolerance .xx =
±0.02
.xxx =
±0.005
CASE R
5W
NATURAL CONVECTION
COOLING
Maximum Input
Voltage
Nominal Input
Voltage
Minimum Input
Voltage
0W
0
°C10°C
20
°C 30°C 40°C
50
°C60°C 70°C
80
°C 90°C 100°C 110°C
50
°C
105
°C
DERATING CURVE
Output Power (Watts)
60
°C
75
°C
Notes
1
Maximum value at nominal line voltage.
2
Error band is defined as the static output regulation at 25°C, including
initial setting accuracy, input voltage within stated limits and output
current within stated limits.
3
Fixed frequency design provides for easier input filtering and better noise
performance.
4
Three orthogonal axes, random vibration, 10 minute test for each axis.
50%
60%
70%
80%
25%
50%
75%
100%
SINGLES
DUALS
OUTPUT LOAD
Typical Efficiency V's Output Load (Nominal Input)
0%
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
TYPICAL
MODEL
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD (1)
EFFICIENCY
NUMBER
5VDC
5VDC
1000mA
66mA
1.64A
64%
AFC5-05S05
5VDC
12VDC
420mA
44mA
1.52A
69%
AFC5-05S12
5VDC
15VDC
350mA
60mA
1.58A
70%
AFC5-05S15
5VDC
±12VDC
±150mA
37mA
1.16A
65%
AFC5-05D12
5VDC
±15VDC
±150mA
44mA
1.45A
65%
AFC5-05D15
12VDC
5VDC
1000mA
23mA
0.66A
66%
AFC5-12S05
12VDC
12VDC
420mA
17mA
0.62A
70%
AFC5-12S12
12VDC
15VDC
350mA
21mA
0.64A
71%
AFC5-12S15
12VDC
±12VDC
±150mA
14mA
0.48A
65%
AFC5-12D12
12VDC
±15VDC
±150mA
17mA
0.61A
65%
AFC5-12D15
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
1
+ Input
+ Input
2
– Input
– Input
3
+ Output
+ Output
4
No Pin
Common
5
– Output
– Output
5 Watt
Nominal input DC/DC converters
SPECIAL APPLICATION MODELS
|
5W DC/DC
PAGE 2
http://www.artesyn.com
50%
60%
70%
80%
12.0
13.2
SINGLES
DUALS
INPUT VOLTAGE
Typical Efficiency V's Input Voltage (Full Output Load)
10.8
5.00
5.25
4.65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com