Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

540VG2C Datasheet(PDF) 9 Page - HB Electronic Components

Part # 540VG2C
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540VG2C Datasheet(HTML) 9 Page - HB Electronic Components

  540VG2C Datasheet HTML 1Page - HB Electronic Components 540VG2C Datasheet HTML 2Page - HB Electronic Components 540VG2C Datasheet HTML 3Page - HB Electronic Components 540VG2C Datasheet HTML 4Page - HB Electronic Components 540VG2C Datasheet HTML 5Page - HB Electronic Components 540VG2C Datasheet HTML 6Page - HB Electronic Components 540VG2C Datasheet HTML 7Page - HB Electronic Components 540VG2C Datasheet HTML 8Page - HB Electronic Components 540VG2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Experiment Item:
Test Condition
Item
Lamp & IR
Reference Standard
OPERATION LIFE
Ta: 25±5℃
IF= 20mA RH:<=60%RH
①
DYNAMIC:100mA 1ms 1/10 duty
②
STATIC STATE: IF=20mA
TEST TIME:
168HRS(-24HRS,+24HRS)
500HRS(-24HRS,+24HRS)
1000HRS(-24HRS,+72HRS)
MIL-STD-750:1026
MIL-STD-883:1005
JIS C 7021:B-1
HIGH
TEMPERATURE
HIGH HUMIDITY
STORAGE
Ta: 65℃±5℃
RH: 90〜95%RH
TEST TIME:240HRS±2HRS
MIL-STD-202:103B
JIS C 7021 :B-1
TEMPERATURE
CYCLING
105℃〜25℃〜-55℃〜25℃
30min 5min
30min 5min
10CYCLES
MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1010
JIS C 7021 :A-4
THERMAL SHOCK
105℃±5℃〜-55℃±5℃
10min
10min
10CYCLES
MIL-STD-202:107D
MIL-STD-750:1051
MIL-SYD-883:1011
SOLDER
RESISTANCE
T,sol:260℃±5℃
DWELL TIME:10±lsec
MIL-STD-202:210A
MIL-STD-750-2031
JIS C 7021:A-1
SOLDERABILITY
T,sol:230℃±5℃
DWELL TIME:5±lsec
MIL-STD-202:208D
MIL-STD-750:2026
MIL-STD-883:2003
JIS C 7021 :A-2
Page : 9
LED LAMP
PASSED TESTS
Drive Method
Circuit model A
Circuit model B
(A)Recommended circuit.
(B)The difference of brightness between LED`s could be found due to the Vf-If characteristics of LED.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com