Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7404D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 74HC7404D
Description  5-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7404D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74HC7404D Datasheet HTML 14Page - NXP Semiconductors 74HC7404D Datasheet HTML 15Page - NXP Semiconductors 74HC7404D Datasheet HTML 16Page - NXP Semiconductors 74HC7404D Datasheet HTML 17Page - NXP Semiconductors 74HC7404D Datasheet HTML 18Page - NXP Semiconductors 74HC7404D Datasheet HTML 19Page - NXP Semiconductors 74HC7404D Datasheet HTML 20Page - NXP Semiconductors 74HC7404D Datasheet HTML 21Page - NXP Semiconductors 74HC7404D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
September 1993
18
Philips Semiconductors
Product specification
5-Bit x 64-word FIFO register; 3-state
74HC/HCT7404
Shift-out operation; high-speed burst mode
Note to Fig.13
In the high-speed mode, the burst-out rate is determined by the minimum shift-out HIGH and shift-out LOW
specifications. The DOR flag is a don't care condition and an SO pulse can be applied without regard to the flag.
Fig.13 Waveforms showing SO minimum pulse width and maximum pulse frequency, in high-speed shift-out
burst mode.
handbook, full pagewidth
MGA663
VM
(1)
SO INPUT
Qn OUTPUT
1/f max
tW
DOR OUTPUT
(1) HC
:
VM = 50%; VI = GND to VCC.
HCT :
VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com