Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXF200 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # BXF200
Description  72-132W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXF200 Datasheet(HTML) 2 Page - Artesyn Technologies

  BXF200 Datasheet HTML 1Page - Artesyn Technologies BXF200 Datasheet HTML 2Page - Artesyn Technologies BXF200 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Measured with 10µF tantalum capacitor and 1µF ceramic capacitor across
the output.
2
Iout = Inom; delta Iout = ±25% Iout (max), di/dt = 1A/µs.
3
Input fusing is required based on surge and maximum input current.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Input reflected ripple current test set-up uses a Pi filter; 220µF, 12µH,
100µF.
6
Start-up into resistive load.
7
Active high remote on/off is available (standard product is active low),
designate with the suffix ‘H’ e.g. BXF200-48S2V5H.
8
Units should be characterised within systems. External components and
filtering required.
PROTECTION
Short circuit protection
Continuous, automatic recovery
Overvoltage protection
Latching
Thermal protection
110°C baseplate,
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2
BXF200 Series
Single output
DC/DC CONVERTERS
72-132W Wide Input DC/DC Converters
2
Please consult our website for the following items:
Application Note
www.artesyn.com
File Name: BXF200.PDF Rev: 10 Jan 2001
OUTPUT
INPUT
OVP
OUTPUT
INPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (7)
(MAX.)
(MAX.)
(MAX.)
100W
36 to 75VDC
3.2VDC
2.5V
4.4A
40A
76%
±0.10%
±0.15%
BXF200-48S2V5L
80W
36 to 75VDC
2.5VDC
2.0V
3.7A
40A
72%
±0.10%
±0.15%
BXF200-48S2V0L
72W
36 to 75VDC
2.3VDC
1.8V
3.4A
40A
70%
±0.10%
±0.15%
BXF200-48S1V8L
PIN CONNECTIONS
PIN NUMBER
FEATURE
1
Power Good
2
Current Monitor
3
Parallel
4
Trim Adjust
5
+ Sense
6
- Sense
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0148
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
EXTERNAL OUTPUT TRIMMING
Output can be externally
trimmed by using the
method shown.
TRIM
DOWN
5
4
6
RT1
OR
RT2
TRIM
UP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com