Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560PR2C Datasheet(PDF) 2 Page - HB Electronic Components

Part # 560PR2C
Description  5.0 mm DIA LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PR2C Datasheet(HTML) 2 Page - HB Electronic Components

  560PR2C Datasheet HTML 1Page - HB Electronic Components 560PR2C Datasheet HTML 2Page - HB Electronic Components 560PR2C Datasheet HTML 3Page - HB Electronic Components 560PR2C Datasheet HTML 4Page - HB Electronic Components 560PR2C Datasheet HTML 5Page - HB Electronic Components 560PR2C Datasheet HTML 6Page - HB Electronic Components 560PR2C Datasheet HTML 7Page - HB Electronic Components 560PR2C Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5.0 mm DIA LED LAMP
560PR2C
REV:A / 0
FEATURES
* 5.0mm DIA LED LAMP
* HIGH LUMINOUS INTENSITY OUTPUT.
* LOW POWER CONSUMPTION.
* HIGH EFFICIENCY.
* VERSATILE MOUNTING ON P.C. BOARD OR PANEL.
* I.C. COMPATIBLE.
CHIP MATERIALS
* Dice Material : GaAlInP/GaAs
* Light Color : SUPER RED
* Lens Color : WATER CLEAR
ABSOLUTE MAXIMUM RATING : ( Ta = 25°C )
SYMBOL
PARAMETER
ULTRA
ORANGE
UNIT
PAD
Power Dissipation Per Chip
80
mW
VR
Reverse Voltage Per Chip
5
V
IAF
Continuous Forward Current Per Chip
30
mA
IPF
Peak Forward Current Per Chip (Duty-0.1,1KHz)
120
mA
-
Derating Linear From 25°C Per Chip
0.40
mA/°C
Topr
Operating Temperature Range
-25°C to 85°C
Tstg
Storage Temperature Range
-40°C to 85°C
Lead Soldering Temperature{1.6mm(0.063 inch) From Body}260°C ± 5°C for 5 Seconds
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25°C )
SYMBOL
PARAMETER
TEST CONDITION MIN.
TYP. MAX. UNIT
VF
Forward Voltage
IF = 20mA
1.8
2
.1
2
.6
V
IR
Reverse Current
VR = 5V
100
µA
λD
Dominant Wavelength
IF = 20mA
620
6
24
630
n
m
∆λ
Spectral Line Half-Width
IF = 20mA
20
nm
2θ1/2
Half Intensity Angle
IF = 20mA
50
55
60
deg
IV
Luminous Intensity
IF = 20mA
2600 32
00
4000
mcd
DRAWING NO. : DS-35-04-0744
DATE : 2004-12-03
Page : 2
HD-R/RD014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com