Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7403 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 2 Page - NXP Semiconductors

  7403 Datasheet HTML 1Page - NXP Semiconductors 7403 Datasheet HTML 2Page - NXP Semiconductors 7403 Datasheet HTML 3Page - NXP Semiconductors 7403 Datasheet HTML 4Page - NXP Semiconductors 7403 Datasheet HTML 5Page - NXP Semiconductors 7403 Datasheet HTML 6Page - NXP Semiconductors 7403 Datasheet HTML 7Page - NXP Semiconductors 7403 Datasheet HTML 8Page - NXP Semiconductors 7403 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
September 1993
2
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
FEATURES
• Synchronous or asynchronous
operation
• 3-state outputs
• 30 MHz (typical) shift-in and
shift-out rates
• Readily expandable in word and bit
dimensions
• Pinning arranged for easy board
layout: input pins directly opposite
output pins
• Output capability: driver (8 mA)
• ICC category: LSI.
APPLICATIONS
• High-speed disc or tape controller
• Communications buffer.
GENERAL DESCRIPTION
The 74HC/HCT7403 are high-speed
Si-gate CMOS devices. They are
specified in compliance with JEDEC
standard no.7A.
The “7403” is an expandable, First-In
First-Out (FIFO) memory organized
as 64 words by 4 bits. A guaranteed
15 MHz data-rate makes it ideal for
high-speed applications. A higher
data-rate can be obtained in
applications where the status flags
are not used (burst-mode).
With separate controls for shift-in (SI)
and shift-out (SO), reading and
writing operations are completely
independent, allowing synchronous
and asynchronous data transfers.
Additional controls include a
master-reset input (MR), an output
enable input (OE) and flags. The
data-in-ready (DIR) and
data-out-ready (DOR) flags indicate
the status of the device.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns.
Note
1. For HC the condition is VI = GND to VCC.
For HCT the condition is VI = GND to VCC −1.5 V.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
HC
HCT
tPHL/tPLH
propagation delay SO,
SI to DIR and DOR
CL = 15 pF;
VCC = 5 V
15
17
ns
fmax
maximum clock
frequency
30
30
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per
package
note 1
475
490
pF
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
74HC/HCT7403N
16
DIL
plastic
SOT38Z
74HC/HCT7403D
16
SO16L
plastic
SOT162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com