Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

599PR2C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 599PR2C
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

599PR2C Datasheet(HTML) 3 Page - HB Electronic Components

  599PR2C Datasheet HTML 1Page - HB Electronic Components 599PR2C Datasheet HTML 2Page - HB Electronic Components 599PR2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED SPECIFICATION
Page: 3 of 3
Typical electrical/optical characteristic curves:
750
450
500
600
550
650
700
75
25
50
0
Wavelength λ(nm)
100
50
40
FORWARD CURRENT Vs
FORWARD VOLTAGE
2.7
2.5
2.3
2.1
30
20
10
1.9
1.7
0
Forward Voltage(V)
2.5
2.0
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
1.5
1.0
0.5
0
IF-Forward Current (mA)
LUMINOUS INTENSITY Vs.
2.5
2.0
AMBIENT TEMPERATURE
50
40
30
10
20
0
1.5
1.0
0.5
0
Ambient Temperature TA ()
℃
60
80
100
-40
-20
0
20
40
50
FORWARD CURRENT
DERATING CURVE
30
20
100
80
60
10
20
40
0
0
Ambient Temperature TA ()
℃
40
599PR2C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com