Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV2M Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NV2M
Description  Small size, light weight.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV2M Datasheet(HTML) 2 Page - DB Lectro Inc

  NV2M Datasheet HTML 1Page - DB Lectro Inc NV2M Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
Functional
300m/s
2
Survival
450 m/s
2
IEC68-2-27 Test Ea
Vibration resistance
10~100Hz
100 m/s
2
Double amplitude 1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3 Test Ca
Mass
5g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NV2M
Dimensions
Wiring diagram(Bottom views)
Mounting (Bottom views)
mm
>àçÇá
0.3
0.012
0.4
0.016
0.55
0.022
0.9
0.035
1.3
0.051
1.5
0.059
1.6
0.063
2.0
0.079
2.2
0.087
2.5
0.098
3.2
0.126
3.6
0.142
3.75
0.148
3.8
0.150
5.0
0.197
9.5
0.374
11.25
0.443
13.75
0.541
13.8
0.543
17.4
0.685
18.2
0.717
18.8
0.740
20.4
0.803
22.3
0.878
22.8
0.898
6-0.4×0.9
17.4
2.2
4-Φ0.55
18.2
(Standard Type)
22.8
4-0.4×0.4
6-0.9×0.9
2
22.3
1C
2C
(Quiet type)
22.8
18.8
11.3
3.8
2
1
3
6- 1.3
4
5
10
8
6
7
9
2.2
3-0.4×0.9
2-Φ0.55
9.5
18.0
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com