Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYL Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TYL
Description  DC/DC Converter TYL/TVL Series 1.5-5 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TYL Datasheet(HTML) 2 Page - TRACO Electronic AG

  TYL Datasheet HTML 1Page - TRACO Electronic AG TYL Datasheet HTML 2Page - TRACO Electronic AG TYL Datasheet HTML 3Page - TRACO Electronic AG TYL Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.tracopower.com
Page 2
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Input Specifications
Input current (no load)
TYL models
< 95 mA
TVL models
< 170 mA
Input current (full load)
TYL models
500 mA typ.
TVL models
1’600 mA typ.
Otput Specifications
Voltage set accuracy
± 3 %
Regulation
– Input variation Vin min. to Vin max. TYL models:
± 0.3 % max.
TVL models:
± 0.03 % max.
– Load variation 0 – 100 %
TYL models:
± 0.3 % max.
TVL models:
± 0.18 % max.
Ripple and noise (20 MHz Bandwidth)
TYL models:
6 mVpk-pk max.
TVL models:
3 mVpk-pk max.
Temperature coefficient
± 0.02 % / °C
Output current limitation
>120 % of Iout max.
Short circuit protection
indefinite (automatic rcovery)
General Specifications
Temperature ranges – Operating
– 25°C ... +71°C
– Storage
– 45°C ... +85°C
Derating
3%/°C above 50°C
Efficiency
60% (TVL 05-05W08: 45%)
Humidity (non condensing)
30 – 95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217 F)
>1’000’000h @ + 25 °C
Isolation voltage
Input/Output
500 VDC
Isolation capacity
Input/Output
100 pF
Isolation resistance
Input/Output (500 VDC)
> 10 M Ohm
Switching frequency
TYL models:
70 – 400 kHz depending on load
TVL models:
50 – 300 kHz depending on load
Vibration
5 to 10 Hz amplitude 10 mm pk-pk
10 to 55 Hz acceleration 2 G
Shock
acceleration 20 G max. time 11 ms
DC/DC Converter
TYL/TVL Series 1.5-5 Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com