Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV23KQCSSDC12V0.55 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NV23KQCSSDC12V0.55
Description  Small size, light weight(4g)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV23KQCSSDC12V0.55 Datasheet(HTML) 2 Page - DB Lectro Inc

  NV23KQCSSDC12V0.55 Datasheet HTML 1Page - DB Lectro Inc NV23KQCSSDC12V0.55 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
300m/s
2
6ms
IEC68-2-27 Test Ea
Vibration resistance
10~500Hz
double amplitude
1.27mm
60m/s
2
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-20 Test Ta method 1
Solderability
235
’x2’
3
x0.5s
Ambient Temperature
-40~105
’
IEC68-2-3 Test Ca
Relative Humidity
85% (at 20
’)
Mass
4g (Q type 9.5g)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NV23K
Dimensions
mm
>àçÇá
0.3
0.012
0.4
0.016
0.5
0.020
0.6
0.024
0.7
0.027
0.8
0.031
1.0
0.039
1.1
0.043
1.3
0.051
1.5
0.059
1.56
0.061
1.8
0.071
2.2
0.087
2.8
0.110
3.0
0.118
3.06
0.120
3.36
0.132
6.01
0.237
7.0
0.275
7.2
0.283
7.5
0.295
8
0.315
8.5
0335
9.5
0.374
9.9
0.390
11.3
0.445
12
0.472
12.9
0.508
Mounting (Bottom views)
Φ
×0
×1
Wiring diagram
(Bottom views)
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com